Electronic Components Datasheet Search
  English  ▼

X  

PEX8508 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8508
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8508 Datasheet(HTML) 1 Page - PLX Technology

  PEX8508 Datasheet HTML 1Page - PLX Technology PEX8508 Datasheet HTML 2Page - PLX Technology PEX8508 Datasheet HTML 3Page - PLX Technology PEX8508 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flexible & Versatile PCI Express
® Switch
.
Features
PEX 8508 General Features
o
8-lane PCI Express switch
-
Integrated SerDes
o
Up to five configurable ports
o
19mm x 19mm, 296-ball PBGA
package
o
Typical Power: 1.6 Watts
PEX 8508 Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1
-
Standard SHPC Specification, r1.1
(hot-plug)
o
High Performance
-
Non-blocking internal architecture
-
Full line rate on all ports
-
Cut-Thru latency: 150ns
o
Non-Transparent Bridging
-
Configurable Non-Transparent port
for Multi-Host or Intelligent I/O
Support
o
Flexible Configuration
-
Five highly flexible & configurable
ports (x1, x2, or x4)
-
Configurable with strapping pins,
EEPROM, I
2C, or Host software
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0,
L0s, L1, L2/L3 Ready, L2 and L3
-
Device states: D0 and D3hot
-
Vaux, WAKE#, Beacon support
o
Spread Spectrum Clock
-
Dual clock domain
o
Quality of Service (QoS)
-
Two Virtual Channels per port
-
Eight Traffic Classes per port
-
Fixed and Round-Robin Virtual
Channel Port Arbitration
o
Reliability, Availability, Serviceability
-
5 Standard Hot-Plug Controllers
-
Upstream port as hot-plug client
-
Transaction Layer end-to-end CRC
-
Poison bit
-
Advanced Error Reporting
-
Lane Status bits and GPO available
-
Per port error diagnostics
• Bad DLLPs
• Bad TLPs
• CRC errors
-
JTAG boundary scan
-
Fatal Error out-of-band signal option
Multi-purpose and Feature Rich PCI Express Switch Family
The ExpressLane™ PEX 8508 device offers PCI Express switching capability
enabling users to add scalable high bandwidth, non-blocking interconnection to a
wide variety of applications including intelligent network interface cards, office
automation products, mezzanine cards, servers, storage systems,
communications platforms, laptop docking stations, and embedded-control
products. The PEX 8508 switch can be used as a fan-out or aggregation type
switch, and is equally well-suited to peer-to-peer switching applications.
Highly Flexible Port Configurations
The PEX 8508 offers highly configurable ports. There are a maximum of five ports
and eight lanes that can be configured to any legal width from x1 to x4, in any
combination to support your specific bandwidth needs. The ports can be symmetric
(each port having the same lane width) or asymmetric (ports having different lane
widths). If you can think of a port/lane combination, you can configure it! Any of
the ports can be designated as the upstream port, and you can even dynamically
change the upstream port.
End-to-end Packet Integrity
The PEX 8508 provides end-to-end CRC protection (ECRC) and Poison bit support
to enable designs that require guaranteed error-free packets. These features are
optional in the PCI Express specification, but PLX provides them across its entire
ExpressLane switch product line.
Non-Transparent “Bridging” in a PCI Express Switch
The PEX 8508 supports full non-transparent bridging (NTB) functionality to allow
implementation of multi-host systems and intelligent I/O modules in applications
such as intelligent adapter cards, processor isolation, and office automation. To
ensure quick product migration, the non-transparency features are implemented in
the same fashion as in standard PCI applications.
Non-transparent bridges allow systems to isolate memory domains by presenting the
processor subsystem as an endpoint, rather than another memory system. Base
address registers are used to translate addresses; doorbell registers are used to send
interrupts between the address domains; and scratchpad registers are accessible from
both address domains to allow inter-processor communication.
Two Virtual Channels
The PEX 8508 switch supports two full-featured Virtual Channels (VCs) and eight
Traffic Classes (TCs). The mapping of Traffic Classes to port-specific Virtual
Channels allows for different mappings for different ports. In addition, the devices
offer user-selectable Virtual Channel arbitration algorithms to enable users to fine
tune the Quality of Service (QoS) required for a specific application.
Low Power with Granular SerDes Control
The PEX 8508 provides low power capability that is compliant with the PCI Express
power management specification. The SerDes physical links can be turned off when
unused for even lower power. Support for Vaux, Wake#, and Beacon allows D3cold
operation and is crucial in such applications as docking stations.
PEX 8508
Version 1.7 2007


Similar Part No. - PEX8508

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8508 AVAGO-PEX8508 Datasheet
394Kb / 4P
Flexible & Versatile PCI Express
logo
PLX Technology
PEX8508 PLX-PEX8508 Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
Version 1.8 05/08
More results

Similar Description - PEX8508

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8505 PLX-PEX8505 Datasheet
479Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8509 PLX-PEX8509 Datasheet
604Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8512 PLX-PEX8512 Datasheet
1Mb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
Flexible & Versatile PCI Express Switch
PEX8517 PLX-PEX8517 Datasheet
482Kb / 5P
Flexible & Versatile PCI Express짰 Switch
PEX8518 PLX-PEX8518 Datasheet
476Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
Flexible & Versatile PCI Express Switch
PEX8524V PLX-PEX8524V Datasheet
874Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8532 PLX-PEX8532 Datasheet
520Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com