Electronic Components Datasheet Search
  English  ▼

X  

PEX8547 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8547
Description  PCI Express??Switch for Graphics Fan-Out
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8547 Datasheet(HTML) 1 Page - PLX Technology

  PEX8547 Datasheet HTML 1Page - PLX Technology PEX8547 Datasheet HTML 2Page - PLX Technology PEX8547 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLX Confidential
PCI Express™ Switch for Graphics Fan-Out
.
Features
PEX 8547 General Features
o
48-lane PCI Express switch
o
Three configurable ports
(x1, x2, x4, x8, x16)
o
Integrated SerDes
o
37.5mm x 37.5mm, 736 pin PBGA package
o
Typical Power: 4.9 Watts
PEX 8547 Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1
o
High Performance
-
Packet Cut Through
-
Packet Latency of 110ns (x16 to x16)
-
Non-blocking Switch Fabric
-
Full Line rate
o
Flexible Configuration
-
Three configurable ports
-
Flexible lane width/port x1, x2, x4, x8, 16
-
Configurable with strapping pins,
EEPROM, Host software or I
2C
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0, L0s,
L1, L2/L3 Ready, and L3
-
Device states: D0 and D3hot
o
INTA and FATAL ERROR signal support
o
Port Status bits and GPO available
o
Quality of Service (QoS)
-
Eight Traffic Classes per port
-
Round Robin and Weighted RR port
arbitration
o
Reliability, Availability, Serviceability
(RAS)
-
Error reporting in addition to Advanced
Error Reporting support of PCI Express
-
Per port performance monitoring
• Average packet size, number of
packets, CRC errors
• JTAG boundary scan
Multi-Purpose, Feature Rich PCI Express* ExpressLane™ Switch
The ExpressLane PEX 8547 device offers PCI Express switching
capability conforming to the latest revision of the PCI Express Base
specification (r1.1). This device enables users to add scalable high
bandwidth, non-blocking interconnects to high-end graphics
applications. The PEX 8547 is designed to support graphics or data
aggregation while supporting peer-to-peer traffic for high resolution
graphics applications.
High Performance
The ExpressLane PEX 8547 architecture supports packet cut-through
with a latency of 110ns (x16 to x16). This, combined with large
packet memory (256 to 1024 byte maximum payload size) and non-
blocking internal switch architecture, provide full line rate on its ports
for performance hungry applications such as storage servers or storage
switch fabrics.
Low Packet Latency
The PEX 8547 supports packet cut-through with a latency of 110ns
between symmetric (x16) ingress and egress ports. The low latency
enables many applications to achieve high throughput and
performance. In addition to low latency, the device supports a packet
payload size of up to 1024 bytes, enabling the user to achieve even
higher throughput.
Low Power with Granular SerDes Control
The ExpressLane PEX 8547 provides low power capability that is
fully compliant with the PCI Express power management
specification.
Interoperability
The ExpressLane PEX 8547 is designed to be fully compliant with the
PCI-SIG specification. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal.
Configuration Flexibility
The ExpressLane PEX 8547 provides several ways to configure its
operations. The device can be configured through strapping pins, I
2C
interface, CPU configuration cycles, or an optional serial EEPROM.
This allows for easy debug during the development phase,
performance monitoring during the operation phase, and driver or
software upgrade.
PEX 8547
Version 1.4 2007


Similar Part No. - PEX8547

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8548 PLX-PEX8548 Datasheet
313Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8548 AVAGO-PEX8548 Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
logo
PLX Technology
PEX8548 PLX-PEX8548 Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
Version 1.8 05/08
PEX8548 AA RDK PLX-PEX8548 AA RDK Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
Version 1.8 05/08
PEX8548-AA RDK PLX-PEX8548-AA RDK Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
Version 1.8 05/08
More results

Similar Description - PEX8547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212 Datasheet
202Kb / 12P
PCI Express SIGNAL SWITCH
TS2PCIE2212 TI-TS2PCIE2212_09 Datasheet
222Kb / 12P
PCI Express??SIGNAL SWITCH
logo
Pericom Semiconductor C...
PI7C9X20508GPBNDE PERICOM-PI7C9X20508GPBNDE Datasheet
532Kb / 81P
PCI EXPRESS PACKET SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com