Electronic Components Datasheet Search
  English  ▼

X  

LPC2132 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2132 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 13Page - NXP Semiconductors LPC2132 Datasheet HTML 14Page - NXP Semiconductors LPC2132 Datasheet HTML 15Page - NXP Semiconductors LPC2132 Datasheet HTML 16Page - NXP Semiconductors LPC2132 Datasheet HTML 17Page - NXP Semiconductors LPC2132 Datasheet HTML 18Page - NXP Semiconductors LPC2132 Datasheet HTML 19Page - NXP Semiconductors LPC2132 Datasheet HTML 20Page - NXP Semiconductors LPC2132 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
LPC2131_32_34_36_38_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2007
17 of 39
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
6.7.2 Fast I/O features available in LPC213x/01 only
• Fast I/O registers are located on the ARM local bus for the fastest possible I/O timing.
• All GPIO registers are byte addressable.
• Entire port value can be written in one instruction.
• Mask registers allow single instruction to set or clear any number of bits in one port.
6.8 10-bit ADC
The LPC2131/32 contain one and the LPC2134/36/38 contain two ADCs. These
converters are single 10-bit successive approximation ADCs with eight multiplexed
channels.
6.8.1 Features
• Measurement range of 0 V to 3.3 V.
• Each converter capable of performing more than 400000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
• Global Start command for both converters (LPC2134/36/38 only).
6.8.2 ADC features available in LPC213x/01 only
• Every analog input has a dedicated result register to reduce interrupt overhead.
• Every analog input can generate an interrupt once the conversion is completed.
6.9 10-bit DAC
This peripheral is available in the LPC2132/34/36/38 only. The DAC enables the
LPC2132/34/36/38 to generate variable analog output.
6.9.1 Features
• 10-bit digital to analog converter.
• Buffered output.
• Power-down mode available.
• Selectable speed versus power.
6.10 UARTs
The LPC2131/32/34/36/38 each contain two UARTs. In addition to standard transmit and
receive data lines, the LPC2134/36/38 UART1 also provides a full modem control
handshake interface.
6.10.1 Features
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com