Electronic Components Datasheet Search
  English  ▼

X  

SDT470 Datasheet(PDF) 1 Page - Solid State Inc

Part # SDT470
Description  Ultra miniature 4 pin SSOP package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT470 Datasheet(HTML) 1 Page - Solid State Inc

  SDT470 Datasheet HTML 1Page - Solid State Inc SDT470 Datasheet HTML 2Page - Solid State Inc SDT470 Datasheet HTML 3Page - Solid State Inc SDT470 Datasheet HTML 4Page - Solid State Inc SDT470 Datasheet HTML 5Page - Solid State Inc SDT470 Datasheet HTML 6Page - Solid State Inc SDT470 Datasheet HTML 7Page - Solid State Inc SDT470 Datasheet HTML 8Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDT470 /TR
Rev 2.02 (07/23/2012)
001506
SDT470
DC Input
80V
Photo-Transistor Optocoupler
Page 1 of 8
Description
The SDT470 consists of a phototransistor optically coupled
to a light emitting diode. Optical coupling between the
input IR LED and output phototransistor allows for high
isolation levels while maintaining low-level DC signal
control capability.
The SDT470 provides an optically
isolated method of controlling many interface applications
such as telecommunications, industrial control and
instrumentation circuitry.
The SDT470 comes standard in an ultra miniature 4 pin
SSOP package.
Schematic Diagram
Agency Approvals
UL:
File # E201932
C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Office Automation Equipment
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecom / Datacom
Home Appliances
Digital Logic Inputs
Fax / Modems
Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature ………………………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation ……………..…………………40mW
Total Power Dissipation ………………….…………..200mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SDT470
4 pin SSOP, (170/Tube)
SDT470-TR
4 pin SSOP, Tape and Reel (3000/Reel)
Features
Ultra miniature 4 pin SSOP package
Low input power consumption
High stability
CTR Range 80 – 600%
High Isolation Voltage (3750VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
4
Collector
Emitter
+ Input
- Input
SDT470


Similar Part No. - SDT470

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
DC Input Optocoupler
More results

Similar Description - SDT470

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
4 PIN ULTRA SMALL SSOP
logo
Solid State Optronic
M221 SSOUSA-M221_15 Datasheet
189Kb / 5P
Ultra miniature 4-pin small outline package
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
TDM3282 SSOUSA-TDM3282 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3043 SSOUSA-TDM3043 Datasheet
385Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3083 SSOUSA-TDM3083 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com