Electronic Components Datasheet Search
  English  ▼

X  

40EPF06PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 40EPF06PBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF06PBF Datasheet(HTML) 1 Page - International Rectifier

  40EPF06PBF Datasheet HTML 1Page - International Rectifier 40EPF06PBF Datasheet HTML 2Page - International Rectifier 40EPF06PBF Datasheet HTML 3Page - International Rectifier 40EPF06PBF Datasheet HTML 4Page - International Rectifier 40EPF06PBF Datasheet HTML 5Page - International Rectifier 40EPF06PBF Datasheet HTML 6Page - International Rectifier 40EPF06PBF Datasheet HTML 7Page - International Rectifier 40EPF06PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
I
F(AV)
Sinusoidal waveform
40
A
V
RRM
600
V
I
FSM
475
A
V
F
@10 A, T
J
= 25°C
1
V
trr
@ 1A, - 100A/µs
60
ns
T
J
- 40 to 150
°C
Major Ratings and Characteristics
Characteristics
Values
Units
Description/ Features
The 40EPF06PbF fast soft recovery QUIET
IR
rectifier series has been optimized for combined
short reverse recovery time and low forward
voltage drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are both:
output rectification and freewheeling in
inverters, choppers and converters
and input rectifications where severe
restrictions on conducted EMI should be met.
TO-247AC (Modified)
Package Outline
FAST SOFT RECOVERY
RECTIFIER DIODE
Lead-Free ("PbF" suffix)
1
Bulletin I2171 10/04
QUIET
IR Series
40EPF06PbF
V
F
< 1V @ 10A
t
rr
= 60ns
V
RRM
= 600V
www.irf.com


Similar Part No. - 40EPF06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPF06PBF VISHAY-40EPF06PBF Datasheet
204Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
04-Dec-09
More results

Similar Description - 40EPF06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
10ETF06PBF IRF-10ETF06PBF Datasheet
241Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF12FPPBF IRF-10ETF12FPPBF Datasheet
207Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com