Electronic Components Datasheet Search
  English  ▼

X  

PCA9541BS/03 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCA9541BS/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541BS/03 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCA9541BS/03 Datasheet HTML 27Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 28Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 29Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 30Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 31Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 32Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 33Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 34Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
PCA9541_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 1 October 2007
31 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
[1]
VDD must be lowered to 0.2 V in order to reset part.
Table 17.
Static characteristics (3.6 V to 5.5 V)
VDD = 3.6 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified. See Table 16 for VDD = 2.3 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
3.6
-
5.5
V
IDD
supply current
Operating mode; VDD = 5.5 V; no load;
VI =VDD or VSS; fSCL = 100 kHz
-
349
600
µA
Istb
standby current
Standby mode; VDD = 5.5 V; no load;
VI =VDD or VSS; fSCL = 0 kHz
-
10
200
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[1] -
1.5
2.1
V
Input SCL_MSTn; input/output SDA_MSTn (upstream and downstream channels)
VIL
LOW-level input voltage
−0.5
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IOL
LOW-level output current VOL = 0.4 V
3
-
-
mA
VOL = 0.6 V
6
-
-
mA
IIL
LOW-level input current
VI =VSS
−10
-
+10
µA
IIH
HIGH-level input current
VI =VDD
-
-
100
µA
Ci
input capacitance
VI =VSS
-4
6
pF
Select inputs A0 to A3, INT_IN, RESET
VIL
LOW-level input voltage
−0.5
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
ILI
input leakage current
VI =VDD or VSS
−1
-
+50
µA
Ci
input capacitance
VI =VSS
-2
5
pF
Pass gate
Ron
ON-state resistance
VDD = 4.5 V to 5.5 V; VO = 0.4 V;
IO =15mA
412
24
Ω
Vo(sw)
switch output voltage
Vi(sw) =VDD = 5.0 V; Io(sw) = −100 µA
-
3.6
-
V
Vi(sw) =VDD = 4.5 V to 5.5 V;
Io(sw) = −100 µA
2.6
-
4.5
V
IL
leakage current
VI =VDD or VSS
−1
-
+100
µA
INT0 and INT1 outputs
IOL
LOW-level output current VOL = 0.4 V
3
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com