Electronic Components Datasheet Search
  English  ▼

X  

PA0442 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA0442
Description  HIGH FREQUENCY PLANAR TRANSFORMERS Prism Series (up to 250W)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0442 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA0442 Datasheet HTML 1Page - Pulse A Technitrol Company PA0442 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P604.A (7/04)
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
HIGH FREQUENCY PLANAR
TRANSFORMERS
Prism Series (up to 250W)
Power Rating: up to 250W
Height: 9.3mm to 10.4mm Max
Footprint: 29.5mm x 25.4mm Max
Frequency Range: 200kHz to 700kHz
Part
Turns Ratio
Primary2
Primary
Leakage**
DCR (m
Ω MAX)
Maximum
Number
Secondary
Inductance
Inductance
Primary
Primary
Secondary
Height
Primary
Secondary
Isolation
(µH MIN)
(µH MAX)
A
Aux.
(mm)
DOUBLE INTERLEAVE DESIGNS (HIGHER EFFICIENCY, LOWER DCR AND LOWER LEAKAGE)
PA0526
5T (with 5T Aux.)
1T & 1T
1500Vdc
85
—
7.5
235
.56 & .56
10.2
Basic
PA0550
5T (with 5T Aux.)
2T:2T
1500Vdc
85
—
7.5
235
2.25 & 2.25
10.2
Basic
SINGLE INTERLEAVE DESIGNS (LOWER COST)
PA0442
5T (with 5T Aux.)
2T:2T
1500Vdc
85
1.5
14.5
465
1.7 & 1.7
9.3
Basic
PA0576
6T (with 2T Aux.)
2T & 1T
1500Vdc
130
0.25
21.5
155
1.8 & 0.6
9.3
Basic
PA0581
6T (with 2T Aux.)
7T & 7T
1500Vdc
102
—
21.5
155
40 & 40
9.3
Basic
Notes: **Leakage inductance is measured with both primary windings connected in series (where applicable) with the secondary windings shorted.
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C
*H - Maximum Height (see table above)
**This dimension is 1.195/30.35 for PN PA0581
SUGGESTED PAD LAYOUT
6
1
7
11
.110
2,79
6XØ
1.050
26,67
.130
3,30
5XØ
.700
17,78
.600
15,24
.300
7,62
1.000
25,40
.160
4,06
.500
12,70
OPTIONAL
(For Mechanical
Connection of
Clips)
.063
1,60
.250
6,35
.625
15,88
H*
.005/0,13
10 SURFACES
PA05XX
PA0442
Date Code
Country of Origin
1.000
25,40MAX
6
.074
1,88
5XØ
SHAFT
.100
2,54
5XØ
FOOT
1
7
11
1.160**
29,46
MAX
.047
1,19
5XØ
SHAFT
.080
2,03
5XØ
FOOT
Mechanical
Weight ..................19.8 grams
Tray .............................30/tray
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
NOTE: The above is a universal footprint for
a component that has all 11 pins populated.
For a given part number it is only necessary
to provide pads for the terminations shown in
the schematic below.
— SINGLE INTERLEAVE SCHEMATICS —
— DOUBLE INTERLEAVE SCHEMATICS —
PA0526
10
11
1T
7
8
1T
2
4
5T Pri
1
6
5T AUX
PA0550
8
9
1T
7
1T
10
11
1T
1T
2
4
5T Pri
1
6
5T AUX
PA0442
5T Pri
2
4
1
6
5T AUX
9
2T
7
11
2T
2
4
8
9
1T
PA0576
7
1T
1
6
10
11
1T
6T Pri
2T AUX
PA0581
10
11
7T
7
8
7T
2
4
6T Pri
1
6
2T AUX
Schematics


Similar Part No. - PA0442

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA04 APEX-PA04 Datasheet
60Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
Power Operational Amplifier
logo
AZ Displays
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
Pulse A Technitrol Comp...
PA0423 PULSE-PA0423 Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0430L PULSE-PA0430L Datasheet
111Kb / 2P
THT POWER INDUCTORS
More results

Similar Description - PA0442

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0801NL PULSE-PA0801NL Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS PA08XXNL Series (up to 140W)
logo
MPS Industries, Inc.
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
High Frequency Planar Transformers
PH08XXCNL PULSE-PH08XXCNL Datasheet
691Kb / 3P
HIGH FREQUENCY FLAT COIL PLANAR TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com