Electronic Components Datasheet Search
  English  ▼

X  

BF904R Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BF904R
Description  N-channel dual gate MOS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904R Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BF904R Datasheet HTML 6Page - NXP Semiconductors BF904R Datasheet HTML 7Page - NXP Semiconductors BF904R Datasheet HTML 8Page - NXP Semiconductors BF904R Datasheet HTML 9Page - NXP Semiconductors BF904R Datasheet HTML 10Page - NXP Semiconductors BF904R Datasheet HTML 11Page - NXP Semiconductors BF904R Datasheet HTML 12Page - NXP Semiconductors BF904R Datasheet HTML 13Page - NXP Semiconductors BF904R Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.55
0.25
0.45
0.25
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143R
97-03-10
0
1
2 mm
scale
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
1
2
4
3
b1
bp
Rev. 06 - 13 November 2007
12 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com