Electronic Components Datasheet Search
  English  ▼

X  

74ACT11112 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11112
Description  DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11112 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11112 Datasheet HTML 1Page - Texas Instruments 74ACT11112 Datasheet HTML 2Page - Texas Instruments 74ACT11112 Datasheet HTML 3Page - Texas Instruments 74ACT11112 Datasheet HTML 4Page - Texas Instruments 74ACT11112 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74ACT11112
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP
WITH CLEAR AND PRESET
SCAS064A – D3339, JUNE 1989 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
• Inputs Are TTL-Voltage Compatible
• Fully Buffered to Offer Maximum Isolation
From External Disturbance
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity at 125°C
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This device contains two independent J-K negative-edge-triggered flip-flops. A low level at the PRE or CLR
input sets or resets the outputs regardless of the levels of the other inputs. When PRE and CLR are inactive
(high), data at the J and K inputs meeting the setup time requirements are transferred to the outputs on the
negative-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not directly related to
the fall time of the clock pulse. Following the hold-time interval, data at the J and K inputs may be changed
without affecting the levels at the outputs. These versatile flip-flops can perform as toggle flip-flops by tying
J and K high.
The 74ACT11112 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
LX
X
X
L
H
L
LX
X
X
H{
H{
H
H
↓
LL
Q0
Q0
H
H
↓
HLH
L
H
H
↓
LHL
H
H
H
↓
H
H
TOGGLE
H
H
H
X
X
Q0
Q0
† This configuration is nonstable; that is, it will not
persist when either PRE or CLR returns to the
inactive (high) level.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1PRE
1Q
1Q
GND
2Q
2Q
2PRE
2J
1J
1K
1CLK
1CLR
VCC
2CLR
2CLK
2K
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74ACT11112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11112 TI1-74ACT11112 Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112D TI1-74ACT11112D Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112DR TI1-74ACT11112DR Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112N TI1-74ACT11112N Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - 74ACT11112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO74G112A POTATO-PO74G112A Datasheet
584Kb / 6P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PO74G112A POTATO-PO74G112A_14 Datasheet
1Mb / 6P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI1-SN74LVC112A_15 Datasheet
990Kb / 24P
SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com