Electronic Components Datasheet Search
  English  ▼

X  

910.18 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # 910.18
Description  lin bus transceiver with integrated voltage regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

910.18 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  910.18 Datasheet HTML 1Page - ELMOS Semiconductor AG 910.18 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8 | ELMOS Product catalog 10/2004
lin bus transceiver
910.18
with integrated voltage regulator
BUS ICs
features
• Supply voltage range VS 5.25V to 18V
• LIN Bus transceiver, up to 20kBaud
• Output driver with slewrate control
• Very low standby current (<30µA typical)
• Bus input voltage range from
-24V to +30V (independent of VS)
• Wake up function via bus
• Regulator output voltage 5V, ±1.5%, 100mA,
current limitation
• Reset with two programmable reset times
(15ms and 100ms) and two reset levels
(3.15V and 4.65V)
• Undervoltage recognition, fixed threshold at
typ. 7.3V
• Over temperature protection
• Universal comparator with high voltage input
• -40°C to 125°C operating temperature
• SO16w package
applications
• Automotive bus systems
• Body electronics
• Comfort electronics
description
The IC is designed to control bidirectional serial data transmission
with special standby current-, ambient temperature- and voltage sup-
ply requirements. The implemented voltage regulator in combination
with the reset function allows a complete power supply for micro-
controller including power-on reset and power-down reset. The over
temperature protection disables the voltage regulator and the bus
driver. After return to normal operation conditions a reset function
will be generated.
block diagram


Similar Part No. - 910.18

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
910.24 ELMOS-910.24 Datasheet
99Kb / 2P
DC/DC Converter adjustable, wide input range pfm controller
910.25 ELMOS-910.25 Datasheet
99Kb / 2P
DC/DC Converter adjustable, wide input range pfm controller
910.26 ELMOS-910.26 Datasheet
99Kb / 2P
DC/DC Converter adjustable, wide input range pfm controller
More results

Similar Description - 910.18

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com