Electronic Components Datasheet Search
  English  ▼

X  

910.24 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # 910.24
Description  DC/DC Converter adjustable, wide input range pfm controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

910.24 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  910.24 Datasheet HTML 1Page - ELMOS Semiconductor AG 910.24 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16 | ELMOS Product catalog 10/2004
adjustable, wide input range
910.24/25/26
pfm controller
DC/DC Converter
features
• Supply voltage range VS 3.0V to 60V
• Up to 90% efficiency
• 40µA standby current
• 180µA circuit operating current
• 1.5V to 24V or more adjustable output voltage
• Up to 300kHz switching frequency
• Improved current-limited PFM control scheme
• High current driver for external MOSFET
• Under-voltage lockout and thermal shutdown
• -40°C to 125°C operating temperature
• SO8 package
• 910.26 basis version
• 910.24 additive with peak current halving for
medium loads and extended max. switch-on-time
• 910.25 additive with peak current halving for
medium loads and extended max. switch-on-time
and fault protection
applications
• Minimum component DC-DC converters
• 14V, 28V or 42V automotive systems
• Power conditioning for portable equipment
• High efficiency on-card switching regulators
description
The family of highly flexible, easy to use PFM controllers is ideal for
the use in wide input range switching regulator applications.
An advanced PFM control scheme gives these devices the benefits of
PWM converters with high efficiency for heavy loads, while using very
low operating current for light loads to maintain excellent behaviour
with output load variation.
The switching circuits are suitable for topologies requiring low side
FET, such as boost, flyback, Sepic, etc. Depending on the utilized
topology the controllers are capable of producing regulated positive
or negative output voltage.
Operating from 3V to 60V supply and in temperature ranges from
-40°C to 125°C the device is well suited for automotive applications.
Requiring a minimum number of external components, these regula-
tors are simple to use and cost-saving.
Self-protection features include an overload detection circuit, an
overtemperature shutdown under fault conditions and an under-volt-
age lockout.
block diagram
VBAT
VS
PFM
Circuit
int. Supply &
References
On/Off
Logic
Gain
Control (1)
Overload
Protection (2)
VSM
ON
VSM
PGND
Instr.
Ampl.
+
-
VFB
AGND
ISEN
MDRV
VOut
DRV


Similar Part No. - 910.24

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
More results

Similar Description - 910.24

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
ELMOS Semiconductor AG
E910.24 ELMOS-E910.24 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com