Electronic Components Datasheet Search
  English  ▼

X  

MATRIX-W Datasheet(PDF) 1 Page - SOVICO corp.

Part # MATRIX-W
Description  Wall Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

MATRIX-W Datasheet(HTML) 1 Page - SOVICO corp.

  MATRIX-W Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
·동작 기능
입력 Source 선택 및 출력 지역 음량 조절이 용이합니다.
·Display
입력 Source 선택 및 출력 지역 음량이 LCD에 표시 됩니다.
·LINK IN/OUT
CAT-5 케이블을 통해 데이터 통신 및 전원을 공급합니다.
·기기 확장성
최대 8대 데이지 체인 방식으로 지원됩니다.
Matrix W
Wall Controller
Feb. 2017
Copyright © SOVICO Professional all rights reserved.
Protocol
RS-485
Power Supply
DC 24V
Weight
110g
Dimensions
7.7(W) x 11.4(H) x 1.7(D) mm (KNOB 및 RJ45단자 포함 시 5.8(D))
부속품
Operation manual
1EA
RJ45 PLUG
2EA
■
Specification
※ 본 규격 및 성능은 예고 없이 당사 사정에 따라 일부 변동될 수 있습니다.


Similar Part No. - MATRIX-W

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
MATRIX-355 COHERENT-MATRIX-355 Datasheet
340Kb / 3P
Solid-State, Q-Switched Laser
logo
SOVICO corp.
MATRIX-A SOVICO-MATRIX-A Datasheet
416Kb / 1P
APP
MATRIX-C SOVICO-MATRIX-C Datasheet
1Mb / 2P
8 input, 8 output Digital Audio Matrix/Mixer
Mar. 2018
MATRIX-M2 SOVICO-MATRIX-M2 Datasheet
265Kb / 1P
Mic Station
2021.02
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
Various antenna designs
20-Dec-2013
More results

Similar Description - MATRIX-W

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
logo
Advantech Co., Ltd.
AVS-541-01A1E ADVANTECH-AVS-541-01A1E Datasheet
967Kb / 2P
4U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller,Supporting 20-output Video Wall
AVS-542-00A1E ADVANTECH-AVS-542-00A1E Datasheet
1Mb / 2P
4U Intel짰 Xeon짰 E5-2600 Video Wall Controller Supporting 20 output / 15-40 input Video Wall
AVS-543-01A1E ADVANTECH-AVS-543-01A1E Datasheet
904Kb / 2P
4U Intel짰 Xeon짰 E5-2600 Video Wall Controller, Supporting 20-output / 20-input Video Wall
AVS-840-01A1E ADVANTECH-AVS-840-01A1E Datasheet
406Kb / 2P
4U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller,Supporting 40-output Video Wall
AVS-860-01A1E ADVANTECH-AVS-860-01A1E Datasheet
518Kb / 2P
6U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller, Supporting 40-output Video Wall
AVS-240 ADVANTECH-AVS-240_15 Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-290 ADVANTECH-AVS-290_15 Datasheet
890Kb / 2P
Desktop/Wallmount Intel Xeon E3-1200 Video Wall Controller
AVS-860 ADVANTECH-AVS-860_V01 Datasheet
599Kb / 2P
6U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller, Supporting 40-output Video Wall
6-Oct-2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com