Electronic Components Datasheet Search
  English  ▼

X  

E910.22 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.22
Description  Wide range SMPS with watchdog
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.22 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.22 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
24
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
25
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Wide range SMPS with watchdog
Wide range SMPS with reset
PFM controller family
Step down converter, fully integrated
Step down converter, for external FET
PWM controller for LED
FEATURES
ÿ Flyback converter with wide input range of 3V to 55V
ÿ 5V first output voltage
ÿ Additional output voltages possible with additional
windings on transformer
ÿ Softstart capability
ÿ ON control-input with wide input voltage range
ÿ Precise, programmable windowed watchdog
ÿ Low standby current (50µA typical)
ÿ Open load stable
ÿ Snapback output current after short circuit on load
ÿ K15D control-input
ÿ Self-oscillating, multi-loop-regulation
ÿ Non dissipating primary current simulation
ÿ Degausing input and variable delayed switch on
ÿ Push/pull driver for logic level Power-MOSFET
ÿ No current shunt needed
ÿ –40°C to +125 ºC operating temperature
ÿ Additional system-enable output for critical
modules
ÿ SO 20w package
APPLICATION
ÿ Automotive electronics
ÿ Controller and sensor supply
DESCRIPTION
The IC is developed and optimized for automotive applications
where it can generate different output voltages as a flyback con-
verter. The input voltage may be higher or lower than the output
voltage. The multi-loop-regulation concept ensures fast response
to variation of input voltage and load. The reset circuit generates
a reliable reset signal until the output is in tolerance and the inte-
grated, programmable windowed watchdog guarantees a mini-
mum and maximum software reset time. An additional system-
enable output enables critical components after the controller
has served the watchdog three times to guarantee a save control-
ler wake up sequence. This successful wake up also enables the
‘HOLD’-capability so that the controller can keep the converter
running without ‘ON’ and ‘K15D’ active.
ÿ Wide range SMPS with watchdog
E910.22
VBAT
SMPS
Circuit
control
watchdog
internal
Supply
FET
DRV
RRDC
RDC
VDRV
DRV
PGND
DEG
RES
VAUX
VOUT
CMP
K15D
K15
HOLD
ON
SYS_EN
RESET
DWD
TCL
RWD
VSM
VS
AGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDRV
DRV
PGND
K15D
HOLD
ON
TCL
DWD
SYS_EN
RESET
VAUX
VSM
VS
AGND
VOUT0
RDC
CMP
RES
DEG
RWD
Pin
Name
Description
1
VDRV
Bypass capacitor input for driver stage
power supply
2
DRV
Driver stage output signal
3
PGND
Driver stage power ground
4
K15D
K15 terminal signal level detection
5
HOLD
Hold signal input
6
ON
Unconditional SMPS power up, active high
7
TCL
Watchdog timer clear input signal; active low
8
DWD
Disable watchdog input, active low
9
SYS_EN
Watchdog system enable,
open drain output, active low
10
RESET
Watchdog reset pulse open drain output, active low
11
RWD
Resistor input for watchdog oscillator timing
12
DEG
Resistor input for degausing detection
13
RES
Resistor input for resonance delay adjustment
14
CMP
Error amplifier compensation output
15
RDC
Resistor input for drain current simulation
16
VOUT
Feedback input of SMPS outer regulation loop
17
AGND
Analog ground
18
VS
Supply voltage input
19
VSM
Bypass capacitor input for internal
circuits power supply
20
VAUX
Auxiliary voltage input for internal circuits


Similar Part No. - E910.22

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.24 ELMOS-E910.24 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.25 ELMOS-E910.25 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.26 ELMOS-E910.26 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
External Adjustable High Efficiency PFM Step-Down Converter
More results

Similar Description - E910.22

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
STMicroelectronics
AN2528 STMICROELECTRONICS-AN2528 Datasheet
860Kb / 21P
Very wide input voltage range 6 W SMPS for metering
05-Jul-2007
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
AN2864 STMICROELECTRONICS-AN2864 Datasheet
1Mb / 29P
VIPER17L demonstration board with wide-range
12-Jul-2009
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
Watchdog operation voltage range
logo
Linear Technology
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com