Electronic Components Datasheet Search
  English  ▼

X  

E910.25 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.25
Description  Adjustable, wide input range PFM controller family
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.25 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.25 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
28
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
29
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
FEATURES
ÿ Supply voltage range VS 3V to 60V
ÿ Up to 90% efficiency
ÿ 40µA standby current
ÿ 180µA circuit operating current
ÿ 1.5V to 24V or more adjustable output voltage
ÿ Up to 300kHz switching frequency
ÿ Improved current-limited PFM control scheme
ÿ High current driver for external MOSFET
ÿ Under-voltage lockout and thermal shutdown
ÿ –40°C to +125°C operating temperature
ÿ SO8n package
ÿ 910.26 basis version
ÿ 910.24 additive with peak current halving for
medium loads and extended max. switch-on-time
ÿ 910.25 additive with peak current halving for
medium loads and extended max. switch-on-time
and fault protection
APPLICATION
ÿ Minimum component DC-DC converters
ÿ 14V, 28V or 42V automotive systems
ÿ Power conditioning for portable equipment
ÿ High efficiency on-card switching regulators
DESCRIPTION
The family of highly flexible, easy to use PFM controllers is ideal
for the use in wide input range switching regulator applications.
An advanced PFM control scheme gives these devices the benefits
of PWM converters with high efficiency for heavy loads, while us-
ing very low operating current for light loads to maintain excel-
lent behaviour with output load variation.
The switching circuits are suitable for topologies requiring low
side FET, such as boost, flyback, Sepic, etc. Depending on the uti-
lized topology the controllers are capable of producing regulated
positive or negative output voltage.
Operating from 3V to 60V supply and in temperature ranges from
–40°C to +125°C the device is well suited for automotive appli-
cations. Requiring a minimum number of external components,
these regulators are simple to use and cost-saving.
Self-protection features include an overload detection circuit, an
overtemperature shutdown under fault conditions and an under-
voltage lockout.
ÿ Adjustable, wide input range PFM controller family
E910.24 | 25 | 26
VBAT
VS
PFM
circuit
int. supply &
references
on/off
logic
gain
control
overload
protection
VSM
ON
VSM
PGND
Instr.
Ampl.
+
-
VFB
AGND
ISEN
MDRV
VOut
DRV
1
2
3
4
8
7
6
5
PGND
AGND
ISEN
VFB
MDRV
VSM
VS
ON
Pin
Name
Description
1
PGND
Driver power ground pin. Connect pin to the current
sense resistor, the (-) terminal of the input capacitor
and the (-) terminal of the output capacitor. Due to
high currents, and high frequency operation of the
IC, a low impedance circuit ground plane is highly
recommended
2
AGND
Analog ground pin. This pin provides a clean ground
for the controller circuitry: The output voltage sensing
resistors should be connected to this ground pin. This
pin is connected to the IC substrate. Connect to the (-)
terminal of the output capacitor
3
ISEN
Current sense input pin. Voltage generated across
an external sense resistor is fed into this pin. Filters
extensive high-frequency noise
4
VFB
Positive feedback pin. Connect to SMPS output via
external resistor divider to set output voltage and is
referenced to 1.22V. For best stability, keep VFB lead as
short as possible and VFB stray capacitance as small
as possible
5
ON
Switch ON input. Tie this pin to ground to force the IC
into idle mode. A voltage of VSM or higher switches
the controller in operating mode
6
VS
Main supply input. Filters out high-frequency noise
with a 100nF ceramic capacitor placed close to the pin
to PGND
7
VSM
Internal 5V regulator output. The driver and all control
circuits are powered from this voltage. Decouple this
pin to PGND with a minimum of 4.7µF tantalum and
100nF ceramic capacitors
8
MDRV
Drive output. Drives the gate of the external MOSFET
between PGND and VSM. Connect the external
MOSFET via a damping resistor to this pin
Wide range SMPS with watchdog
Wide range SMPS with reset
ÿ PFM controller family
Step down converter, fully integrated
Step down converter, for external FET
PWM controller for LED


Similar Part No. - E910.25

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.22 ELMOS-E910.22 Datasheet
122Kb / 1P
Wide range SMPS with watchdog
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
External Adjustable High Efficiency PFM Step-Down Converter
More results

Similar Description - E910.25

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
910.24 ELMOS-910.24 Datasheet
99Kb / 2P
DC/DC Converter adjustable, wide input range pfm controller
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com