Electronic Components Datasheet Search
  English  ▼

X  

B59100 Datasheet(PDF) 2 Page - EPCOS

Part # B59100
Description  Motor protection, single sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100 Datasheet(HTML) 2 Page - EPCOS

  B59100 Datasheet HTML 1Page - EPCOS B59100 Datasheet HTML 2Page - EPCOS B59100 Datasheet HTML 3Page - EPCOS B59100 Datasheet HTML 4Page - EPCOS B59100 Datasheet HTML 5Page - EPCOS B59100 Datasheet HTML 6Page - EPCOS B59100 Datasheet HTML 7Page - EPCOS B59100 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Applications
Thermal protection of winding in electric
motors
Limit temperature monitoring
Features
Thermistor pellet with insulating
encapsulation
Low-resistance type, steep R/T curve
Silver-plated and Teflon-insulated AWG 26
litz wires
Extremely fast response due to small
dimensions
Characteristics for nominal threshold
temperatures TNTT = 90 up to 160
°C
conform with DIN 44081
Color coding of litz wires to DIN 44081
UL approval to UL 1434 (file number
E69802)
RoHS-compatible
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
General technical data
Max. operating voltage
(TA = 0 ... 40
°C)
Vmax
30
VDC
Max. measuring voltage
(TA = 25
°C ... T
NTT +23 K)
Vmeas,max
7.5
VDC
Rated resistance
(VPTC
≤ 2.5 V)
RR
≤100
Ω
Insulating test voltage
Vins
2.5
kVAC
Thermal threshold time
ta
<3
s
Operating temperature range
(V
≤ V
meas,max)
Top
25/ TNTT +23
°C
Operating temperature range
(V = Vmax)
Top
0/+40
°C
Electrical specifications and ordering codes
TNTT
°C
R
(TNTT
∆T)
(VPTC
≤ 2.5 V)
Ω
R
(TNTT +
∆T)
(VPTC
≤ 2.5 V)
Ω
R
(TNTT + 15 K)
(VPTC
≤ 7.5 V)
Ω
R
(TNTT + 23 K)
(VPTC
≤ 2.5 V)
Ω
Ordering code
∆T = 5 K
60
≤ 570
≥ 570
-
≥ 10 k
B59100M1060A070
70
≤ 570
≥ 570
-
≥ 10 k
B59100M1070A070
80
≤ 570
≥ 570
-
≥ 10 k
B59100M1080A070
90
≤ 550
≥ 1330
≥ 4 k
-
B59100M1090A070
100
≤ 550
≥ 1330
≥ 4 k
-
B59100M1100A070
Sensors
Motor protection, single sensors
M1100
Page 2 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com