Electronic Components Datasheet Search
  English  ▼

X  

E910.40 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.40
Description  Sensorless position control of DC-motors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.40 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.40 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
46
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
47
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Position control
Position control+driver
Speed control
Ripple detection
ÿ Sensorless position control of DC-motors
E910.40
FEATURES
ÿ Supply voltage range VDD 9V to 16V
ÿ Full motor control and diagnosis
ÿ Driving a four N-channel-power-MOSFET full bridge
ÿ Pulse width modulation with 8bit resolution for
high side drivers
ÿ Drive frequency 23 kHz
ÿ Reduced current peaks during motor start
and acceleration
ÿ Active motor braking
ÿ Motor position determined by sensing motor
current fluctuations
ÿ Shortcircuit and overvoltage protected outputs
ÿ One pin microprocessor interface with
automatic baud rate recognition
ÿ Motor turned off automatically 200 ms after the
last valid transmission
ÿ Low standby current (typ. < 200 µA)
ÿ –40°C to +125°C operating temperature
ÿ SO20w package
APPLICATION
ÿ Seat adjustment
ÿ Steering column adjustment
ÿ Fuel pump
DESCRIPTION
The IC enables a µC to track the position of a DC-motor by count-
ing its current ripples. The ripple signal is available on an output
pin to connect controllers or dedicated logic. With the bidirec-
tional interface the actual position can be read out and IC param-
eters can be changed. Main parameters are motor direction and
PWM to control high side drivers. The IC can be adapted to differ-
ent motor characteristics by changing the RC-filter on ODIF, IDIF,
OLP and the voltage divider on BRTH.
VBAT
VCC
RB
VREF
BRTH
SENSE 2
SENSE 1
VGL 2
VGL 1
OLP
IDIF
ODIF
VGH 1
VGH 2
RSR
BSI
VSA
VREF
µC
TEMP
DATA
IMPOUT
VDD
M
BIAS
VDD Reg
Control
slewrate
controlled
FET
Driver
Short
Circuit
Detect
AVDD
VREF
Incr.
Detect
S/H
Filter & Amplifier
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
VGH1
VGH2
VGL1
VGL2
VDD
BSI
SENSE1
SENSE2
RSR
DATA I/O
IMP OUT
TEMP
BRTH
VREF
RB
VSA
ODIF
IDIF
OLP
Pin Name
Description
1
GND
Ground
2
VGH1
Gate voltage for high side driver 1
3
VGH2
Gate voltage for high side driver 2
4
VGL1
Gate voltage for low side driver 1
5
VGL2
Gate voltage for low side driver 2
6
VDD
Input supply voltage
7
BSI
Input bootstrap voltage
8
SENSE1
Voltage sense bridge 1
9
SENSE2
Voltage sense bridge 2
10
RSR
External resistor to adjust slew rate
11
OLP
Output low pass filter
12
IDIF
Inverting input differential amplifier
13
ODIF
Output differential amplifier
14
VSA
Internal 9V analog supply
15
RB
External bias resistor
16
VREF
Internal 5V supply voltage
17
BRTH
Input breake threshold
18
TEMP
Input temperature monitor
19
IMP OUT
Incremental output for counting pulses, open drain
20 DATA I/O
Serial data I/O


Similar Part No. - E910.40

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results

Similar Description - E910.40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
28-Aug-2001
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
Sensorless position control of DC-motors, with drivers
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
Sensorless speed control of DC-motors
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
06-Mar-2006
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
3-Phase Full-Wave PWM Driver for Sensorless DC Motors
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
Accurate and reliable control of motors
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
Enhanced sensorless startup control of BLDC motors using ST7FMC
02-Mar-2007
logo
Toshiba Semiconductor
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
3-Phase Full-Wave PWM Driver for Sensorless DC Motors
15-Sep-2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com