Electronic Components Datasheet Search
  English  ▼

X  

E910.41 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.41
Description  Hall sensor- and contact monitor (8 channel, parallel interface)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.41 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.41 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
92
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
93
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Hall sensor- and contact monitor (8 channel, parallel interface)
E910.41
FEATURES
ÿ Supply voltage range VS 5.25 to 25V
ÿ Supply voltage range VDD 4.75 to 5.25V
ÿ Maximum overvoltage protection up to 40V
ÿ Low standby current (typical IS = 13µA)
ÿ Contact status monitoring by comparison of the
switch resistance with internal reference
ÿ Inputs are current limited
ÿ High noise immunity
ÿ Overtemperatur protected
ÿ –40°C to +125 ºC operating temperature
ÿ SO20w package
APPLICATION
ÿ Automotive electronics
ÿ Monitor for Hall Sensors
ÿ Monitor for mechanical switches
DESCRIPTION
The IC is developed for automotive applications. It continuously
monitors up to 8 hall sensors or switches to GND.
The input currents are compared to internal references. Currents
exceeding –11mA will force a logic ‘0’ at the output, while currents
higher than -6mA will result in a logic ‘1’ at the output.
If the IC is used to monitor switches, the switch resistance must
be higher than 5kÝ for ‘1’ and less than 330Ý for ‘0’ at the out-
put.
The input current as well as the tristate driver are activated with
the enable pin. Due to the tristate outputs the IC can be used in
bus configuration.
VBAT
µC
VDD
VDD
IN 0
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
Vref.
OUT 0
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
VS
EN
CH 0
EN
Imax
CH 7
B
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VS
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
EN
VDD
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
GND
Pin
Name
Description
1
VS
Supply voltage
2
IN0
Input for sensor or switch to GND
3
IN1
Input for sensor or switch to GND
4
IN2
Input for sensor or switch to GND
5
IN3
Input for sensor or switch to GND
6
IN4
Input for sensor or switch to GND
7
IN5
Input for sensor or switch to GND
8
IN6
Input for sensor or switch to GND
9
IN7
Input for sensor or switch to GND
10
EN
Chip enable for input current and
tristate outputs, active low
11
GND
Ground
12
OUT7
TTL compatible tristate data port
13
OUT6
TTL compatible tristate data port
14
OUT5
TTL compatible tristate data port
15
OUT4
TTL compatible tristate data port
16
OUT3
TTL compatible tristate data port
17
OUT2
TTL compatible tristate data port
18
OUT1
TTL compatible tristate data port
19
OUT0
TTL compatible tristate data port
20
VDD
Logic supply voltage
HALIOS® optical switch
HALIOS® Micromouse
ÿ Hall sensor interface 8*, par. out
Hall sensor interface 6*, ser. out
PIR controller
Hall sensor interface 4*, par. out


Similar Part No. - E910.41

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results

Similar Description - E910.41

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
Contact monitor (8 channel to GND, parallel interface)
E910.34 ELMOS-E910.34 Datasheet
123Kb / 1P
Contact monitor (8 channel to VBAT, parallel interface)
E910.35 ELMOS-E910.35 Datasheet
128Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)
E910.36 ELMOS-E910.36 Datasheet
122Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, parallel interface)
E910.52 ELMOS-E910.52 Datasheet
124Kb / 1P
Contact monitor to GND or VBAT (16 channel, serial interface)
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com