Electronic Components Datasheet Search
  English  ▼

X  

E910.46 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.46
Description  EC motor control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.46 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.46 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
40
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
41
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
Fan control
ÿ EC motor control
Steppermotor driver
ÿ EC motor control
system evaluation chip
E910.46
FEATURES
ÿ High voltage supply in the range VS = 6.0 V to 58 V
ÿ Drive of up to 6 external n-channel Power
FETs (3 high side- and 3 low side switches)
ÿ Programmability of functions and parameters by
SPI µP interface
ÿ Self adjusting driver timing and power FET protection
ÿ High power efficiency
ÿ Low RF emission due to the field programmable
driver technology
ÿ Three current measurement amplifiers and
programmable over current protection
ÿ On chip and external over temperature detection
and protection
ÿ Programmable analog measurement channels
(temperature and motor currents)
ÿ Position detection by BEMF
ÿ Sleep / Wake up mode system
ÿ 5V or 3.3V interface to control device
ÿ Developmentkits available (programmable board
and software with PC Interface)
ÿ –40°C to +125°C operating temperature
ÿ PLCC68 package
APPLICATION
ÿ EC or DC motor drive / regulation
ÿ Fan cooler
ÿ Air-conditioning
ÿ Pumps
DESCRIPTION
The IC is a PWM EC brushless motor driver/controller to imple-
ment a motor regulator together with n-channel power FET B6-
configuration and a µC The programmability of parameters (e.g.
threshold values of over current, over temperature, motor fail-
ures, EMC conditions, etc.) can be used to drive motors in a widely
different range. These programmability features and the driver
channel control inputs and allow this chip to act in general motor
regulator applications, too. The special programmable switching
technology (pendingpatent) enables an excellent EMC behavior.
The device works in typical motor regulator systems as physical
interface between a µC or a special controller hardware and the
power FET-motor load configuration. The user has the complete
control over the logical behaviour by software implementation in
the µC. In this way all control/regulation strategies of the motor
can be realised by software development.
VBAT
VBAT
VDD
VDD3
VDD
VS
Gx_HI
T1
T4
T5
T6
T2
T3
ISENH_x
R1
ISENL_x
PH_x
SP (opt.)
Gx_L0
IP
optional
Rmeas (optional)
IREF
RREF
CVCP
CP1
CP2
MISO
MOSI
SCL
CS
Fail
Wake
x-HI
VDS_OVER_xH
VDS_OVER_xL
x-LO
POS_x
SH_x
SIGN_x
A_CUR_SH_x
CCP
VCP
µC
VDD
+
_
+
_
3
3
3
3
3
ϑ
3
3
3
3
3
3
3
3
slewrate
control
prog.
slewrate
control
prog.
S/H
VS
VCP
overcurrent detection
analog
MUX
ANAMUX
control
PFET Monitor
PROG
SPI
Charge
Pump
IREF
ext. & int.
overtemperature detection
IREF
SH_A
SH_B
SH_C
SIGNA
SIGNB
SIGNC
VDD3
VSSA
CS
SCL
MOSI
MISO
FAIL
WAKE
POS_A
POS_B
CP1
VPUMP
VDD12P
CP2
PHA
GA_HI
PHB
GB_HI
PHC
GC_HI
SP
n.c.
GA_LO
n.c.
GB_LO
n.c.
GC_LO
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
9
8
7
6
5
4
3
2
1
68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
Pin
Name
Description
1
ISENH_A
Positive current measurement
input, channel A
2
ISENL_A
Negative current measurement
input, channel A
3
DGND
Digital ground
4
VDD
5V supply
5-7
A_CUR_SH_[C-A]
Current measurement output,
channel [A-C], S&H
8
TP
Temperature sensor input
9
ANAMUX
Analog MUX output
10
IREF
Reference current output
11-13
SH_[A-C]
Sample and hold control
input, channel [A-C]
14-16
SIGN[A-C]
Sign of current output, channel [A-C]
17
VDD
3
3.3 V or 5 V supply of
control interface
18
VSSA
Analog ground
19
CS
Enable signal of SPI
20
SCL
Clock of SPI
21
MOSI
Data input of SPI
22
MISO
Data output of SPI
23
FAIL
Failure signal, high active
24
WAKE
Wake up signal, low active
25-27
POS_[A-C]
Position signal of BEMF
detection, channel [A-C]
28-29
VDS_OVER_A[H,L]
VDS detection, high/low
side switch, channel A
30-31
VDS_OVER_B[H,L]
VDS detection, high/low
side switch, channel B
32-33
VDS_OVER_C[H,L]
VDS detection, high/low
side switch, channel C
34
VDD
3
3.3V or 5V supply of control interface
35
AGND
Analog ground
36-38
[A-C]_HI
Ctrl input of HS switch,
channel [A-C], high active
39-41
[A-C]_LO
Ctrl input of LS switch,
channel [A-C], high active
42
VS
12V supply
43
PGND
Power ground
44,46
GC_LO, GB_LO
Driver output, gate LS
FET, channel c/b
48
GA_LO
Driver output, gate LS
power FET, channel A
50
SP
Star point connection
51
GC_HI
Driver output, gate HS
power FET, channel C
52,54, 56 PHC, PHB, PHA
Phase C-A
53
GB_HI
Driver output, gate HS
power FET, channel B
55
GA_HI
Driver output, gate HS
power FET, channel A
57
CP
2
Switch capacitor connection
2 of charge pump
58,63
VBAT, VS
12V supply, high voltage supply
59
VPUMP
Pumped voltage, storage
capacitor connection
60
CP
1
Switch capacitor connection
1 of charge pump
62
PGND
Power ground
64,66
ISENH_C, ISENL_C
Pos/Neg current measurement
input, channel C
67-68
ISENH_B, ISENL_B
Pos/Neg current measurement
input, channel B
Pin
Name
Description
AVAILABILITY
Samples
available
Series
tbd.


Similar Part No. - E910.46

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
More results

Similar Description - E910.46

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
MOTOR SPEED CONTROL
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
MOTOR CONTROL CIRCUIT
logo
BCD Semiconductor Manuf...
AM6651B BCDSEMI-AM6651B Datasheet
97Kb / 9P
MOTOR CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
Motor Control Circuit
logo
Nell Semiconductor Co.,...
1000PT NELLSEMI-1000PT Datasheet
489Kb / 2P
DC motor control
logo
Unisonic Technologies
AN8850 UTC-AN8850_15 Datasheet
160Kb / 5P
MOTOR CONTROL CIRCUITS
logo
Littelfuse
MG12100W-XN2MM LITTELFUSE-MG12100W-XN2MM Datasheet
1Mb / 6P
AC motor control
MG12150W-XN2MM LITTELFUSE-MG12150W-XN2MM Datasheet
1Mb / 6P
AC motor control
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
MOTOR CONTROL CIRCUIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com