Electronic Components Datasheet Search
  English  ▼

X  

E910.48 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.48
Description  LIN transceiver with voltage regulator and watchdog
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.48 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.48 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
16
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
17
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ LIN transceiver with voltage regulator and watchdog
E910.48
VBAT
µC
LIN transceiver
voltage regulator
SEL 3.3V/5V
watchdog
reset
&
control
VS
VS1
MOD
EN
SELRES
SELWD
WDIN
RESW
RESET
RxD
TxD
WU
BUS
VDD
VDDS
100n
VDDS
VS
PWR Option
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VS
VS1
VRES
DRES
TxD
RxD
GND
BUS
VCC
VCCS
MOD5
WU
EN
WD
RESW
RES
Pin
Name
Description
1
VS
Battery supply + 12V
2
VS1
Battery supply through external resistor
(e.g. RVS1=140Ý for Ivcc=100mA)
3
VRES
Reset threshold select, weak pull up
(VRES=H/L --> thresold high / threshold low)
4
DRES
Reset duration and watchdog window select, weak
pull up (DRES=H/L --> reset duration 10ms / 100ms)
5
TxD
Transmitted serial data, pull up
6
RxD
Received serial data
7
GND
Ground
8
BUS
LIN-Bus Pin
9
RES
Reset output, active Low
10
RESW
Reset additional output with threshold higher on
200mV than RES threshold
11
WD
Watchdog input impulses from µC, pull down
12
EN
Enable input, active high, pull down
13
WU
Wake up via LIN-Bus
14
MOD
Voltage regulator output voltage mode, weak pull
down (MOD=H/L-->VCC=5V/3.3V)
15
VCCS
Output voltage sense input
16
VCC
Voltage regulator output (VCC=5V 3.3V,
Iload=0...100mA)
FEATURES
ÿ Operating voltage range (VS) 3V to 27V
ÿ Two selectable output voltages: 5V and 3.3V ±2.0%
ÿ Output current 150mA
ÿ Reset impulse durations (10ms, 100ms) and threshold
levels are programmable
ÿ Selectable watchdog windows:
Fixed: 37ms or 75ms
Variable: 3ms to 50ms
ÿ LIN-bus interface, LIN specification 2.0
ÿ Output slew rate control to reduce EMI
ÿ Input voltage bus ranges from –36V to +40V
ÿ Wake up via bus
ÿ Standby current <30µA typical
ÿ Over temperature and output current protection
ÿ BUS pin protected of ESD voltage level 4kV
ÿ SO16 package
APPLICATION
ÿ Bus interface for Local Interconnect Network (LIN)
communication including µC supervisory
especially in automotive applications
DESCRIPTION
The IC is used as a voltage regulator with an integrated LIN-inter-
face in automotive applications. The voltage regulator supplies
an µC in the application.
Providing an integrated watchdog with adjustable window dura-
tion the IC offers the best performance as a “System Basic Chip”.
When the EN pin is active (high), the voltage regulator is turned
on and the output voltage VCC is available. Its quality is regulated
by sensing with the VCCS pin. The regulator is switched on by LIN-
Bus wake up request or by µC directly at pin EN.
The external resistor between VS and VS1 keeps the internal pow-
er dissipation low without compromising low supply operation.
Both 5V and 3.3V applications are possible by selecting the output
voltage on pin MOD with a digital signal. No precision feedback
resistors are required.
The reset output is active (low) at VCC low, power on, power off
and with watchdog timed out. The reset threshold of VCC as well
as the reset impuls duration have two programmable levels .
K-Bus transceiver
LIN-/K-Bus transceiver
LIN transceiver+VREG
LIN transceiver
ÿ LIN transceiver+VREG+WD
Single wire CAN transceiver
CAN transceiver


Similar Part No. - E910.48

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
More results

Similar Description - E910.48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
Voltage Regulator with LIN Transceiver and Watchdog
logo
ATMEL Corporation
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com