Electronic Components Datasheet Search
  English  ▼

X  

T911.45 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # T911.45
Description  Ripple detection IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

T911.45 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  T911.45 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
52
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
53
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Ripple detection IC
system evaluation chip
T911.45
FEATURES
ÿ Supply voltage VDD 4.75V to 5.25V
ÿ High voltage input for motor voltage sensing
ÿ Variable SC filter for high noise immunity
controlled by motor voltage and current
ÿ Hysteresis comparator with adaptive thresholds
for min and max detection
ÿ Adjustable filter gain to match motor ripple
amplitude
ÿ Logic level ripple output
ÿ Low operating current (typ. 3mA )
ÿ Few components to adjust motor type
ÿ –40°C to +125°C operating temperature
ÿ SO14n package
APPLICATION
ÿ Seat-, mirror- and other positioning systems
ÿ Pump-, fan- and other speed control systems
DESCRIPTION
The IC detects the commutation ripple of a DC motor in speed
sensing or positioning systems.
The ripple signal is available on an output pin to connect control-
lers or dedicated logic. The IC can be adapted to different motor
characteristics by changing the RC-filter and the voltage divider.
The resonant frequency of the variable band pass filter is auto-
matically set close to the expected ripple frequency by measuring
both, motor voltage and current. Thus for all disturbing frequen-
cies generated by the power supply, the motor drive circuit and
the motor itself, good noise reduction is obtained. To optimize
the filter characteristics the gain can be programmed between
3 and 12.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RIPOUT
DGND
SHUNT
INNC
OUTC
VCRL
AGND
PROG2
VDD
PROG1
CT
RT
BPO
VMOT
Pin Name
Description
1
RIPOUT
Ripple output
2
DGND
Digital ground
3
SHUNT
Current sense input
4
INNC
Inverting input of current amplifier
5
OUTC
Current amplifier output
6
VCRL
Test output for VCO control voltage before filtering
7
AGND
Analog ground
8
VMOT
Motor voltage input
9
BPO
Test output for SC bandpass filter output signal
10
RT
VCO pin for external timing resistor
11
CT
VCO pin for external timing capacitor
12
PROG1
Programming input 1 for gain adjust of bandpass filter
13
VDD
5V supply
14
PROG2
Programming input 2 for gain adjust of bandpass filter
Position control
Position control+driver
Speed control
ÿ Ripple detection
Filter
&
VCO
µC
VDD
BPO
VDD
VBAT
RPROT
RLP1
RLP2
RSHUNT
PROG 1
PROG 2
RIPOUT
RT
CT
GND
DGND
VCRL
R1
R2
OUTC
CLP1
INNC
SHUNT
VMOT
CLP2
M
AVAILABILITY
Samples
available
Series
tbd.


Similar Part No. - T911.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T91 DBLECTRO-T91 Datasheet
727Kb / 4P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
List of Unclassifed Man...
T912 ETC-T912 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
T912-A100K-010-02 ETC-T912-A100K-010-02 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
logo
RHOPOINT COMPONENTS
T912-A100K-010-02 RHOPOINT-T912-A100K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
List of Unclassifed Man...
T912-A100K-010-05 ETC-T912-A100K-010-05 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
More results

Similar Description - T911.45

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2107M SONY-CXD2107M Datasheet
128Kb / 7P
HI8 SYSTEM DETECTION IC
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
Ripple Filter IC
logo
Rohm
BU52058GWZ ROHM-BU52058GWZ Datasheet
840Kb / 18P
Omnipolar Detection Hall IC
BU52077GWZ ROHM-BU52077GWZ Datasheet
1Mb / 20P
Omnipolar Detection Hall IC
BU52177GXZ ROHM-BU52177GXZ Datasheet
1Mb / 20P
Omnipolar Detection Hall IC
BU52274NUZ ROHM-BU52274NUZ Datasheet
1Mb / 20P
Omnipolar Detection Hall IC
BU52492NUZ ROHM-BU52492NUZ Datasheet
1Mb / 19P
Omnipolar Detection Hall IC
BU52494NUZ ROHM-BU52494NUZ Datasheet
1Mb / 19P
Omnipolar Detection Hall IC
BU52792GWZ ROHM-BU52792GWZ Datasheet
1Mb / 18P
Omnipolar Detection Hall IC
BU52092GWZ ROHM-BU52092GWZ Datasheet
1Mb / 17P
Omnipolar Detection Hall IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com