Electronic Components Datasheet Search
  English  ▼

X  

74AHCT08 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCT08
Description  Quad 2-input AND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT08 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT08 Datasheet HTML 4Page - NXP Semiconductors 74AHCT08 Datasheet HTML 5Page - NXP Semiconductors 74AHCT08 Datasheet HTML 6Page - NXP Semiconductors 74AHCT08 Datasheet HTML 7Page - NXP Semiconductors 74AHCT08 Datasheet HTML 8Page - NXP Semiconductors 74AHCT08 Datasheet HTML 9Page - NXP Semiconductors 74AHCT08 Datasheet HTML 10Page - NXP Semiconductors 74AHCT08 Datasheet HTML 11Page - NXP Semiconductors 74AHCT08 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74AHC_AHCT08_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 14 November 2007
8 of 14
NXP Semiconductors
74AHC08; 74AHCT08
Quad 2-input AND gate
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 7.
Load circuit for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
PULSE
GENERATOR
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74AHC08
VCC
≤ 3.0 ns
15 pF, 50 pF
1 k
Ω
open
GND
VCC
74AHCT08
3.0 V
≤ 3.0 ns
15 pF, 50 pF
1 k
Ω
open
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com