Electronic Components Datasheet Search
  English  ▼

X  

74ALVC541D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC541D
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC541D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC541D Datasheet HTML 3Page - NXP Semiconductors 74ALVC541D Datasheet HTML 4Page - NXP Semiconductors 74ALVC541D Datasheet HTML 5Page - NXP Semiconductors 74ALVC541D Datasheet HTML 6Page - NXP Semiconductors 74ALVC541D Datasheet HTML 7Page - NXP Semiconductors 74ALVC541D Datasheet HTML 8Page - NXP Semiconductors 74ALVC541D Datasheet HTML 9Page - NXP Semiconductors 74ALVC541D Datasheet HTML 10Page - NXP Semiconductors 74ALVC541D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74ALVC541_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 5 November 2007
7 of 15
NXP Semiconductors
74ALVC541
Octal buffer/line driver; 3-state
[1]
All typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V and 3.3 V.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
CPD
power
dissipation
capacitance
per buffer; VI = GND to VCC; VCC = 3.3 V
[3]
outputs enabled
-
25
-
pF
outputs disabled
-
0
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (An) to output (Yn)
mna901
An input
Yn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com