Electronic Components Datasheet Search
  English  ▼

X  

74ALVC573 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVC573
Description  Octal D-type transparent latch; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC573 Datasheet HTML 7Page - NXP Semiconductors 74ALVC573 Datasheet HTML 8Page - NXP Semiconductors 74ALVC573 Datasheet HTML 9Page - NXP Semiconductors 74ALVC573 Datasheet HTML 10Page - NXP Semiconductors 74ALVC573 Datasheet HTML 11Page - NXP Semiconductors 74ALVC573 Datasheet HTML 12Page - NXP Semiconductors 74ALVC573 Datasheet HTML 13Page - NXP Semiconductors 74ALVC573 Datasheet HTML 14Page - NXP Semiconductors 74ALVC573 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
11 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 12. Test circuitry for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
Ω
open
2VCC
GND
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
Ω
open
2VCC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
6 V
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
6 V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com