Electronic Components Datasheet Search
  English  ▼

X  

74ALVC573PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC573PW
Description  Octal D-type transparent latch; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC573PW Datasheet HTML 1Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 2Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
2 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVC573D
−40 °Cto+85 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74ALVC573PW
−40 °Cto+85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74ALVC573BQ
−40 °Cto+85 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna807
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
1
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
mna808
12
13
14
15
16
17
18
11
C1
1
EN1
1D
19
9
8
7
6
5
4
3
2
Fig 3.
Functional diagram
mna809
3-STATE
OUTPUTS
LATCH
1 to 8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 12
13
14
15
16
17
18
19
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
9
11
1
8
7
6
5
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com