Electronic Components Datasheet Search
  English  ▼

X  

BFG67/X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG67/X
Description  NPN 8 GHz wideband transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG67/X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG67/X Datasheet HTML 3Page - NXP Semiconductors BFG67/X Datasheet HTML 4Page - NXP Semiconductors BFG67/X Datasheet HTML 5Page - NXP Semiconductors BFG67/X Datasheet HTML 6Page - NXP Semiconductors BFG67/X Datasheet HTML 7Page - NXP Semiconductors BFG67/X Datasheet HTML 8Page - NXP Semiconductors BFG67/X Datasheet HTML 9Page - NXP Semiconductors BFG67/X Datasheet HTML 10Page - NXP Semiconductors BFG67/X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
Fig.12 Minimum noise figure as a function of
frequency.
VCE =8V.
handbook, halfpage
4
2
1
0
MBB309
3
F
(dB)
f (MHz)
10 4
10 3
10 2
5 mA
I
= 30 mA
C
15 mA
BFG67/X
Noise Parameters
f
(MHz)
VCE
(V)
IC
(mA)
500
8
5
Fmin
(dB)
Gamma (opt)
Rn/50
(mag)
(ang)
0.95
0.455
33.8
0.288
Fig.13 Noise circle figure.
ZO =50 Ω.
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
− j
MBB317
stability
circle
Fmin=0.95 dB
OPT
1
0.2
10
5
2
0.5
1.5 dB
2 dB
3 dB
Rev. 05 - 23 November 2007
7 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com