Electronic Components Datasheet Search
  English  ▼

X  

BFG505/X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG505/X
Description  NPN 9 GHz wideband transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG505/X Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG505/X Datasheet HTML 1Page - NXP Semiconductors BFG505/X Datasheet HTML 2Page - NXP Semiconductors BFG505/X Datasheet HTML 3Page - NXP Semiconductors BFG505/X Datasheet HTML 4Page - NXP Semiconductors BFG505/X Datasheet HTML 5Page - NXP Semiconductors BFG505/X Datasheet HTML 6Page - NXP Semiconductors BFG505/X Datasheet HTML 7Page - NXP Semiconductors BFG505/X Datasheet HTML 8Page - NXP Semiconductors BFG505/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG505; BFG505/X
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures excellent reliability.
APPLICATIONS
RF front end applications in the GHz range, such as
analog and digital cellular telephones, cordless telephones
(CT1, CT2, DECT, etc.), radar detectors, pagers and
satellite TV tuners (SATV).
DESCRIPTION
NPN silicon planar epitaxial transistor in a 4-pin
dual-emitter SOT143B plastic package.
MARKING
TYPE NUMBER
CODE
BFG505
%ME
BFG505/X
%MK
PINNING
PIN
DESCRIPTION
BFG505
BFG505/X
1
collector
collector
2
base
emitter
3
emitter
base
4
emitter
emitter
Fig.1 Simplified outline SOT143B.
handbook, 2 columns
Top view
MSB014
12
3
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage RBE =0
−−
15
V
IC
collector current (DC)
−−
18
mA
Ptot
total power dissipation
Ts ≤ 130 °C
−−
150
mW
hFE
DC current gain
VCE =6V; IC = 5 mA
60
120
250
Cre
feedback capacitance
VCB =6V; IC =ic = 0; f = 1 MHz
−
0.2
−
pF
fT
transition frequency
VCE =6V; IC = 5 mA; f = 1 GHz
−
9
−
GHz
GUM
maximum unilateral
power gain
VCE =6V; IC = 5 mA;
Tamb =25 °C; f = 900 MHz
−
20
−
dB
VCE =6V; IC = 5 mA;
Tamb =25 °C; f = 2 GHz
−
13
−
dB
S
21
2
insertion power gain
VCE =6V; Ic = 5 mA;
Tamb =25 °C; f = 900 MHz
16
17
−
dB
F
noise figure
Γs = Γopt;VCE =6V; Ic = 1.25 mA;
Tamb =25 °C; f = 900 MHz
−
1.2
1.7
dB
Γ
s = Γopt;VCE =6V; Ic = 5 mA;
Tamb =25 °C; f = 900 MHz
−
1.6
2.1
dB
Γ
s = Γopt; VCE =6V; Ic = 1.25 mA;
Tamb =25 °C; f = 2 GHz
−
1.9
−
dB
Rev. 04 - 22 November 2007
2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com