Electronic Components Datasheet Search
  English  ▼

X  

BFG520/X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG520/X
Description  NPN 9 GHz wideband transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG520/X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG520/X Datasheet HTML 3Page - NXP Semiconductors BFG520/X Datasheet HTML 4Page - NXP Semiconductors BFG520/X Datasheet HTML 5Page - NXP Semiconductors BFG520/X Datasheet HTML 6Page - NXP Semiconductors BFG520/X Datasheet HTML 7Page - NXP Semiconductors BFG520/X Datasheet HTML 8Page - NXP Semiconductors BFG520/X Datasheet HTML 9Page - NXP Semiconductors BFG520/X Datasheet HTML 10Page - NXP Semiconductors BFG520/X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG520; BFG520/X; BFG520/XR
Fig.11 Intermodulation distortion as a function of
collector current.
handbook, halfpage
050
−20
−70
−60
−50
−40
−30
10
20
30
dim
(dB)
IC (mA)
40
MEA975
Fig.12 Second order intermodulation distortion as
a function of collector current.
handbook, halfpage
050
−20
−70
−60
−50
−40
−30
10
20
30
d2
(dB)
IC (mA)
40
MEA974
Fig.13 Minimum noise figure and associated
available gain as functions of collector
current.
V CE = 6 V; Tamb =25 °C.
handbook, halfpage
5
0
1
2
5
0
−5
10
Gass
(dB)
15
20
3
Fmin
(dB)
IC (mA)
4
MRA682
1
102
10
2000 MHz
1000 MHz
2000 MHz
1000 MHz
f = 900 MHz
Gass
Fmin
900 MHz
500 MHz
Fig.14 Minimum noise figure and associated
available gain as functions of frequency.
VCE = 6 V; Tamb =25 °C.
handbook, halfpage
5
0
1
2
5
0
−5
10
Gass
(dB)
15
20
3
Fmin
(dB)
f (MHz)
4
MRA683
102
104
103
Gass
5 mA
Fmin
20 mA
20 mA
IC = 5 mA
Rev. 04 - 23 November 2007
7 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com