Electronic Components Datasheet Search
  English  ▼

X  

74ALVC574 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC574
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC574 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC574 Datasheet HTML 1Page - NXP Semiconductors 74ALVC574 Datasheet HTML 2Page - NXP Semiconductors 74ALVC574 Datasheet HTML 3Page - NXP Semiconductors 74ALVC574 Datasheet HTML 4Page - NXP Semiconductors 74ALVC574 Datasheet HTML 5Page - NXP Semiconductors 74ALVC574 Datasheet HTML 6Page - NXP Semiconductors 74ALVC574 Datasheet HTML 7Page - NXP Semiconductors 74ALVC574 Datasheet HTML 8Page - NXP Semiconductors 74ALVC574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ALVC574_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 8 November 2007
4 of 17
NXP Semiconductors
74ALVC574
Octal D-type flip-flop; positive edge-trigger; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 5.
Pin configuration SO20 and TSSOP20
Fig 6.
Pin configuration DHVQFN20
74ALVC574
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
CP
001aad095
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aad096
74ALVC574
Transparent top view
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
GND(1)
D1
Q1
D0
Q0
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
D[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
CP
11
clock input (LOW to HIGH, edge-triggered)
OE
1
output enable input (active LOW)
Q[0:7]
19, 18, 17, 16, 15, 14, 13, 12
3-state flip-flop output
VCC
20
supply voltage
GND
10
ground (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com