Electronic Components Datasheet Search
  English  ▼

X  

DS1086LU Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1086LU
Description  3.3V Spread-Spectrum EconOscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086LU Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1086LU Datasheet HTML 1Page - Maxim Integrated Products DS1086LU Datasheet HTML 2Page - Maxim Integrated Products DS1086LU Datasheet HTML 3Page - Maxim Integrated Products DS1086LU Datasheet HTML 4Page - Maxim Integrated Products DS1086LU Datasheet HTML 5Page - Maxim Integrated Products DS1086LU Datasheet HTML 6Page - Maxim Integrated Products DS1086LU Datasheet HTML 7Page - Maxim Integrated Products DS1086LU Datasheet HTML 8Page - Maxim Integrated Products DS1086LU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The DS1086L EconOscillator™ is a 3.3V programmable
clock generator that produces a spread-spectrum
(dithered) square-wave output of frequencies from
130kHz to 66.6MHz. The selectable dithered output
reduces radiated-emission peaks by dithering the fre-
quency 0.5%,1%, 2%, 4%, or 8% below the pro-
grammed frequency. The DS1086L has a power-down
mode and an output-enable control for power-sensitive
applications. All the device settings are stored in non-
volatile (NV) EEPROM memory allowing it to operate in
stand-alone applications.
Applications
Printers
Copiers
PCs
Computer Peripherals
Cell Phones
Cable Modems
Features
♦ User-Programmable Square-Wave Generator
♦ Frequencies Programmable from 130kHz to
66.6MHz
♦ 0.5%, 1%, 2%, 4%, or 8% Selectable Dithered
Output
♦ Adjustable Dither Rate
♦ Glitchless Output-Enable Control
♦ 2-Wire Serial Interface
♦ Nonvolatile Settings
♦ 2.7V to 3.6V Supply
♦ No External Timing Components Required
♦ Power-Down Mode
♦ 5kHz Master Frequency Step Size
♦ EMI Reduction
♦ Industrial Temperature Range: -40°C to +85°C
3.3V Spread-Spectrum EconOscillator
PDN
OE
GND
1
2
8
7
SCL
SDA
SPRD
VCC
OUT
μSOP
TOP VIEW
3
4
6
5
DS1086L
Pin Configuration
Ordering Information
XTL1/OSC1
μP
XTL2/OSC2
DITHERED 130kHz TO
66.6MHz OUTPUT
DECOUPLING CAPACITORS
(0.1
μF and 0.01μF)
*SDA AND SCL CAN BE CONNECTED DIRECTLY HIGH IF THE DS1086L NEVER NEEDS
TO BE PROGRAMMED IN-CIRCUIT, INCLUDING DURING PRODUCTION TESTING.
SPRD
OUT
VCC
VCC
VCC
GND
N.C.
SCL*
SDA*
PDN
OE
DS1086L
Typical Operating Circuit
Rev 1; 9/07
PART
TEMP RANGE
PIN-PACKAGE
DS1086LU
-40°C to +85°C
8
μSOP (118 mil)
EconOscillator is a trademark of Dallas Semiconductor.
________________________________________________________________
Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - DS1086LU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086LU MAXIM-DS1086LU Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086LU MAXIM-DS1086LU Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086LU+ MAXIM-DS1086LU+ Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
More results

Similar Description - DS1086LU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com