Electronic Components Datasheet Search
  English  ▼

X  

DS1841 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1841
Description  Temperature-Controlled, NV, I2C, Logarithmic Resistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1841 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1841 Datasheet HTML 1Page - Maxim Integrated Products DS1841 Datasheet HTML 2Page - Maxim Integrated Products DS1841 Datasheet HTML 3Page - Maxim Integrated Products DS1841 Datasheet HTML 4Page - Maxim Integrated Products DS1841 Datasheet HTML 5Page - Maxim Integrated Products DS1841 Datasheet HTML 6Page - Maxim Integrated Products DS1841 Datasheet HTML 7Page - Maxim Integrated Products DS1841 Datasheet HTML 8Page - Maxim Integrated Products DS1841 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Temperature-Controlled, NV, I2C,
Logarithmic Resistor
2
_______________________________________________________________________________________
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +100°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on SDA, SCL, and
VCC Relative to GND .........................................-0.5V to +6.0V
Voltage Range on RH, RW, A0, and
A1 Relative to GND ................................-0.5V to (VCC + 0.5V)
Operating Temperature Range .........................-40°C to +100°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .....................See IPC/JEDEC J-STD-020
RW Current............................................................................3mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
Input Logic 1
(SCL, SDA, A0, A1)
VIH
0.7 x
VCC
VCC
+ 0.3
V
Input Logic 0
(SCL, SDA, A0, A1)
VIL
-0.3
0.3 x
VCC
V
Resistor Inputs (RW, RH)
VRES
-0.3
VCC
+ 0.5
V
Wiper Current
IWIPER
2mA
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
(SDA, SCL, A0, A1)
IL
-1
+1
μA
VCC Supply Current
ICC2
(Note 2)
350
μA
Low-Level Output Voltage (SDA)
VOL
3mA sink current
0
0.4
V
I/O Capacitance
CI/O
5
10
pF
Power-On Recall Voltage
VPOR
(Note 3)
1.6
2.6
V
Power-Up Recall Delay
tD
(Note 4)
5
ms
Series Resistance
RS
3.6
k
Minimum Resistance
(GND to RW)
RMIN
(Note 5)
370
End-to-End Resistance
(GND to RW)
RTOTAL
22
k
RTOTAL Tolerance
TA= +25°C
-20
+20
%
Temp Coefficient
TCV
WR set to 40h
±250
ppm/°C
RH, RW Capacitance
CPOT
10
pF
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com