Electronic Components Datasheet Search
  English  ▼

X  

WM8741 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
17
INTERNAL POWER ON RESET CIRCUIT
The WM8741 includes two internal Power On Reset (POR) circuits which are used to reset the digital
logic into a default state after power up and to allow the analogue circuits to power-up silently.
The digital POR circuit is powered from DVDD. This circuit monitors DVDD and asserts the internal
digital reset if DVDD are below the minimum DVDD threshold which will allow the digital logic to
function.
The analogue POR circuit is powered from AVDD. The circuit monitors AVDD, tri-stating the DAC
outputs and isolating the internal reference resistor strings from AVDDL and AVDDR until there is
sufficient AVDD voltage to allow the analogue DAC stages to function correctly.
Figure 7 AVDD Power up Sequence
Test Conditions
AVDD = 5V, AGND = 0V, TA = +25
oC, TA_max = +125oC, TA_min = -25oC, AVDDmax = 5.5V, AVDDmin = 4.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Input Timing Information
AVDD level to POR rising
edge (AVDD rising)
Vpor_hi
Measured from AGND
2.00
V
AVDD level to POR falling
edge (AVDD falling)
Vpor_lo
Measured from AGND
1.84
V
Table 6 Analogue POR Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com