Electronic Components Datasheet Search
  English  ▼

X  

DS3232 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3232
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3232 Datasheet HTML 2Page - Maxim Integrated Products DS3232 Datasheet HTML 3Page - Maxim Integrated Products DS3232 Datasheet HTML 4Page - Maxim Integrated Products DS3232 Datasheet HTML 5Page - Maxim Integrated Products DS3232 Datasheet HTML 6Page - Maxim Integrated Products DS3232 Datasheet HTML 7Page - Maxim Integrated Products DS3232 Datasheet HTML 8Page - Maxim Integrated Products DS3232 Datasheet HTML 9Page - Maxim Integrated Products DS3232 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
6
_____________________________________________________________________
Data Transfer on I2C Serial Bus
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START
Note 1: Limits at -40°C are guaranteed by design and not production tested.
Note 2: All voltages are referenced to ground.
Note 3: ICCA—SCL clocking at max frequency = 400kHz.
Note 4: Current is the averaged input current, which includes the temperature conversion current.
Note 5: The RST pin has an internal 50k
Ω (nominal) pullup resistor to VCC.
Note 6: After this period, the first clock pulse is generated.
Note 7: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 8: The maximum tHD:DAT needs only to be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 9: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT
≥ 250ns must then be met. This
is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the
low period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns
before the SCL line is released.
Note 10: CB—total capacitance of one bus line in pF.
Note 11: Minimum operating frequency of the I2C interface is imposed by the timeout period.
Note 12: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set over the voltage range of
0V
≤ VCC ≤ VCC(MAX) and 2.3V ≤ VBAT ≤ 3.4V.
Note 13: This delay only applies if the oscillator is enabled and running. If the EOSC bit is 1, tREC is bypassed and RST immediately
goes high.
WARNING: Negative undershoots below -0.3V while the part is in battery-backed mode may
cause loss of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com