Electronic Components Datasheet Search
  English  ▼

X  

DS4212 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4212
Description  106.25MHz/212.5MHz/425MHz Clock Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4212 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4212 Datasheet HTML 1Page - Maxim Integrated Products DS4212 Datasheet HTML 2Page - Maxim Integrated Products DS4212 Datasheet HTML 3Page - Maxim Integrated Products DS4212 Datasheet HTML 4Page - Maxim Integrated Products DS4212 Datasheet HTML 5Page - Maxim Integrated Products DS4212 Datasheet HTML 6Page - Maxim Integrated Products DS4212 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
106.25MHz/212.5MHz/425MHz
Clock Oscillators
4
_______________________________________________________________________________________
Note 1: Limits at -40°C are guaranteed by design and are not production tested.
Note 2: Voltage referenced to ground.
Note 3: Outputs are enabled and unloaded.
Note 4: When the LVPECL output is disabled, the typical output off current is < 100µA for nominal LVPECL signal levels at the
output.
Note 5: AC parameters are guaranteed by design and characterization.
Note 6: Including oscillator startup time and PLL acquisition time, measured after VCC reaches 3.0V from power-on.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 3.6V, TA = -40°C to +85°C, typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
100Hz
-90
1kHz
-112
10kHz
-115
100kHz
-123
1MHz
-142
DS4106 at 106.25MHz
10MHz
-147
100Hz
-82
1kHz
-106
10kHz
-109
100kHz
-117
1MHz
-136
DS4212 at 212.50MHz
10MHz
-141
100Hz
-76
1kHz
-100
10kHz
-103
100kHz
-111
1MHz
-130
Clock Output SSB Phase Noise
DS4425 at 425.00MHz
10MHz
-135
dBC/Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com