Electronic Components Datasheet Search
  English  ▼

X  

OM6028SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM6028SC
Description  POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6028SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM6028SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6028SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6028SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6028SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
OM6025SC OM6026SC OM6027SC
Units
OM6032SC OM6031SC OM6028SC
V
DS
Drain-Source Voltage
400
500
1000
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
400
500
1000
V
I
D @ TC = 25°C
Continuous Drain Current
24
22
10
A
I
DM
Pulsed Drain Current
92
85
40
A
P
D @ TC = 25°C
Maximum Power Dissipation
165
165
165
W
Derate Above 25°C Ambient
.025
.025
.025
W/°C
W
DSS (1)
Single Pulse Energy
Drain To Source @ 25°C
1000
1200
1000
mJ
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/8" from case for 5 secs.)
275
275
275
°C
Note 1: V
DD = 50V, ID = as noted
THERMAL RESISTANCE (MAXIMUM) at TA = 25°C
R
thJC
Junction-to-Case
.76
°C/W
R
thJA
Junction-to-Ambient
40
°C/W
Free Air Operation
Derate above 25°C T
C
1.32
W/°C
3.1 - 98
OM6025SC - OM6032SC
3.1
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
.140
.270
MAX.
.035
.005
.045
.695
.685
.250
TYP.
.125
∅
2 PLACES
.125 TYP.
.250 TYP.
.145
REF.
.500
MIN.
.550
.530
.285
±.002
.060 DIA. TYP.
3 PLACES
.400
.940
.200
OM6028SC, OM6031SC, OM6032SC
OM6025SC, OM6026SC, OM6027SC
NOTE: MOSFETs are also available in Z-Tab, dual and quad pak styles - Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
6 PIN SIP
MECHANICAL OUTLINES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com