Electronic Components Datasheet Search
  English  ▼

X  

FS3KMA-5A Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FS3KMA-5A
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS3KMA-5A Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FS3KMA-5A Datasheet HTML 1Page - Powerex Power Semiconductors FS3KMA-5A Datasheet HTML 2Page - Powerex Power Semiconductors FS3KMA-5A Datasheet HTML 3Page - Powerex Power Semiconductors FS3KMA-5A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Jan. 2000
MITSUBISHI Nch POWER MOSFET
FS3KMA-5A
HIGH-SPEED SWITCHING USE
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
PERFORMANCE CURVES
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
V
µA
mA
V
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
250
—
—
2.0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
3.0
1.5
2.25
2.5
300
35
8
15
10
45
20
1.5
—
—
±0.1
1
4.0
2.0
3.0
—
—
—
—
—
—
—
—
2.0
5.0
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
VGS =
±20V, VDS = 0V
VDS = 250V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 1.5A, VGS = 10V
ID = 1.5A, VGS = 10V
ID = 1.5A, VDS = 10V
VDS = 25V, VGS = 0V, f = 1MHz
VDD = 150V, ID = 1.5A, VGS = 10V, RGEN = RGS = 50
Ω
IS = 1.5A, VGS = 0V
Channel to case
0
10
20
30
40
50
0
200
50
100
150
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (
°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
10–1
7
100
5
7
2
3
101
5
7
2
3
5
7
2
3
101
35 7
2
102
35 7
23
5
2
TC = 25
°C
Single Pulse
100
µs
tw =
10
µs
1ms
10ms
DC
0
1
2
3
4
5
0
4
8
12
16
20
VGS = 20V
PD = 25W
TC = 25
°C
Pulse Test
10V
4V
5V
6V
8V
0
0.4
0.8
1.2
1.6
2.0
02468
10
VGS = 20V
TC = 25
°C
Pulse Test
10V
5V
6V
8V
4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com