Electronic Components Datasheet Search
  English  ▼

X  

IRF720SPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF720SPBF
Description  HEXFET POWER MOSFET (VDSS = 400V , RDS(on) = 1.8廓 , ID = 3.3A )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF720SPBF Datasheet(HTML) 7 Page - International Rectifier

  IRF720SPBF Datasheet HTML 1Page - International Rectifier IRF720SPBF Datasheet HTML 2Page - International Rectifier IRF720SPBF Datasheet HTML 3Page - International Rectifier IRF720SPBF Datasheet HTML 4Page - International Rectifier IRF720SPBF Datasheet HTML 5Page - International Rectifier IRF720SPBF Datasheet HTML 6Page - International Rectifier IRF720SPBF Datasheet HTML 7Page - International Rectifier IRF720SPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF720SPbF
www.irf.com
7
N ote: "P " in as s em bly line
pos ition indicates "L ead-F ree"
F5 30 S
T H IS IS AN IR F 5 30 S W IT H
L OT C OD E 8024
AS S E M B L E D ON W W 0 2, 20 00
IN T H E AS S E M B LY LIN E "L "
ASSE MB L Y
LOT COD E
IN T E R N AT ION AL
R E C T IF IE R
LOGO
PAR T N U M B E R
DAT E C ODE
Y E AR 0 = 20 00
WE E K 02
LIN E L
OR
F 530S
A = AS SE M B L Y SIT E CO D E
W EEK 0 2
P = D E S IG N AT E S L E AD -F R E E
PR O D U CT (O P T ION AL )
RE CT IF IE R
IN T E R N AT ION AL
LOGO
LOT COD E
AS S E M B L Y
Y E AR 0 = 2000
DAT E CO DE
PAR T N U M B E R
D2Pak Part Marking Information (Lead-Free)
D2Pak Package Outline
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com