Electronic Components Datasheet Search
  English  ▼

X  

COME-CSL6 Datasheet(PDF) 2 Page - Kontron

Part # COME-CSL6
Description  COM Express® basic Type 6 with 6th Gen Intel® Core™ processors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COME-CSL6 Datasheet(HTML) 2 Page - Kontron

  COME-CSL6 Datasheet HTML 1Page - Kontron COME-CSL6 Datasheet HTML 2Page - Kontron COME-CSL6 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
// 2
www.kontron.com
TECHNICAL INFORMATION
COMPLIANCE
COM Express Compact Pin-out Type 6
DIMENSIONS (H x W x D)
95 x 95 mm
CPU
Intel® Core™ i7-6600U (2x 2.60 GHz, GT3, 15 W)
Intel® Core™ i5-6300U (2x 2.40 GHz, GT3, 15 W)
Intel® Core™ i3-6100U (2x 2.30 GHz, GT2, 15 W)
Intel® Celeron® Processor 3955U
CHIPSET
Integrated SoC
MAIN MEMORY
1x DDR4 SO-DIMM up to 16 GByte, 2nd channel DDR4- memory down up to 8 GByte
GRAPHICS CONTROLLER
Intel® HD Graphics 520
ETHERNET CONTROLLER
Intel® I219LM
ETHERNET
10/100/1000 MBit Ethernet
HARD DISK
2x SATA 6Gb/s
FLASH ONBOARD
up to 32 GByte SLC eMMC (depending on SKU - standard feature or available on request)
PCI Express/ PCI SUPPORT
5x PCIE3.0 on PCIe lane 0-4 (3.0 only i5/ i7 SKUs) 5 controllers, 5 x1, 1 x4 + 1x 1 Option: 6 Lanes if no LAN
4x PCIE3.0 on PEG Lanes 0-3 (3.0 only i5/ i7 SKUs) 1 Controller, 1 x4 or 1 x2 or 1 x1, (Intel® RST)
PANEL SIGNAL
DDI1: DP++, DDI2: DP++, DDI3: -, VGA: -, LVDS: Dual Channel 18/24 bit
USB
4x USB 3.0 (incl. USB 2.0) + 4x USB 2.0
SERIAL
2x serial interface (RX/TX only)
AUDIO
Intel® High Definition Audio
COMMON FEATURES
SPI, LPC, SMB, Fast I²C, Staged Watchdog, RTC, MARS
BIOS
AMI Aptio V
HUMIDITY
93 % relative Humidity at 40 °C, non-condensing (according to IEC 60068-2-78)
ON REQUEST
vPRO (AMT/TXT/AES Support), eDP instead of LVDS, 1x PCIe x1 additional w/o onboard LAN,
max. 32 GByte SLC eMMC, industrial grade -40 °C to +85 °C, Security Chip
POWER MANAGEMENT
ACPI 6.0, S5 Eco
POWER SUPPLY
8.5 V – 20 V Wide Range ATX, Single Supply Power
SPECIAL FEATURES
POSCAP capacitors, Trusted Platform Module TPM 2.0
OPERATING SYSTEMS
Windows® 10, Windows® 8.1, Windows® 7, WES7, Linux, VxWorks
TEMPERATURE
Commercial temperature: 0 °C to +60 °C operating, -30 °C to +85 °C non-operating
Extended temperature: -25 °C to +75 °C operating, -30 °C to +85 °C non-operating
SUPPORTED MODULES
COMe-cSL6 xx-xxxxx



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com