Electronic Components Datasheet Search
  English  ▼

X  

36034-0000-R2-4 Datasheet(PDF) 3 Page - Kontron

Part # 36034-0000-R2-4
Description  COM Express® Compact Type 6 with Intel Atom® x6000E
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

36034-0000-R2-4 Datasheet(HTML) 3 Page - Kontron

  36034-0000-R2-4 Datasheet HTML 1Page - Kontron 36034-0000-R2-4 Datasheet HTML 2Page - Kontron 36034-0000-R2-4 Datasheet HTML 3Page - Kontron 36034-0000-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
3
www.kontron.com
COMe-cEL6 (E2)
CPU Variants
Carrier
Variants
BRAND
PROCESSOR
NUMBER
TDP
CORES THREADS CACHE
BASE
FREQ
MAX
TURBO
FREQ
GRAPHICS
GEN 11
ECC
PREMIUM IO
FUNC-
TIONAL
SAFETY
CERTIFIED
USE
CONDI-
TION
Intel®
Celeron®
Processor
J6413
10 W
4
4
1.5 MByte 1.8 GHz
3.0 GHz 16 EU
no
Intel® PSE
no
PC Client
Intel®
Pentium®
Processor
J6426
10 W
4
4
1.5 MByte 2.0 GHz 3.0 GHz 32 EU
no
Intel® PSE
no
PC Client
Intel®
Celeron®
Processor
N6211
6.5 W 2
2
1.5 MByte 1.2 GHz
3.0 GHz 16 EU
no
Intel® PSE
no
PC Client
Intel®
Pentium®
Processor
N6415
6.5 W 4
4
1.5 MByte 1.2 GHz
3.0 GHz 16 EU
no
Intel® PSE
no
PC Client
Intel Atom®
processor
x6211E
6 W
2
2
1.5 MByte 1.3 GHz
3.0 GHz 16 EU
Yes–
In Band
Intel® PSE
no
Embedded
Intel Atom®
processor
x6413E
9 W
4
4
1.5 MByte 1.5 GHz
3.0 GHz 16 EU
Yes–
In Band
Intel® PSE
no
Embedded
Intel Atom®
processor
x6425E
12 W
4
4
1.5 MByte 2.0 GHz 3.0 GHz 32 EU
Yes–
In Band
Intel® PSE
no
Embedded
Intel Atom®
processor
x6212RE
6 W
2
2
1.5 MByte 1.2 GHz
n/a
16 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Intel Atom®
processor
x6214RE
6 W
2
4
1.5 MByte 1.4 GHz
n/a
16 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Intel Atom®
processor
x6414RE
9 W
4
4
1.5 MByte 1.5 GHz
n/a
16 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Intel Atom®
processor
x6416RE
9 W
4
4
1.5 MByte 1.7 GHz
n/a
16 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Intel Atom®
processor
x6425RE
12 W
4
4
1.5 MByte 1.9 GHz
n/a
32 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
PART NO.
CPU
SO-DIMM
ETH PHY
(1 GbE OR 2.5 GbE)
USB 3.1
(2 OR 4)
FLASH
- eMMC
VARIOUS
OP. TEMPERATURE
36033-0000-N1-2
N6211
non-ECC
1 GbE
2
no
LPC, LVDS
0 °C - 60 °C
36033-0000-J2-4
J6426
non-ECC
1 GbE
2
no
LPC, LVDS
0 °C - 60 °C
36034-0000-R1-2
x6212RE
Inband-ECC
1 GbE
2
no
LPC, LVDS
-40 °C - 85 °C
36034-0000-R1-4
x6414RE
Inband-ECC
1 GbE
2
no
LPC, LVDS
-40 °C - 85 °C
36034-0000-R2-4
x6425RE
Inband-ECC
1 GbE
2
no
LPC, LVDS
-40 °C - 85 °C
Please contact your sales representative for other versions.
ARTICLE
PART NO.
DESCRIPTION
COMe EVAL CARRIER2 T6
38116-0000-00-5
COM Express® Evaluation Carrier Type 6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com