Electronic Components Datasheet Search
  English  ▼

X  

MAX5591BEUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5591BEUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5591BEUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5591BEUI Datasheet HTML 9Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 10Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 11Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 12Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 13Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 14Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 15Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 16Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
13
Pin Description
PIN
MAX5590
MAX5592
MAX5594
MAX5591
MAX5593
MAX5595
NAME
FUNCTION
11
AVDD
Analog Supply
22
AGND
Analog Ground
33
OUTA
DACA Output
4, 8, 17, 21
—
N.C.
No Connection. Not internally connected.
56
OUTB
DACB Output
67
OUTC
DACC Output
710
OUTD
DACD Output
911
CS
Active-Low Chip-Select Input
10
12
SCLK
Serial Clock Input
11
13
DIN
Serial Data Input
12
14
DSP
Clock Enable. Connect DSP to DVDD at power-up to transfer data on the rising edge
of SCLK. Connect DSP to GND to transfer data on the falling edge of SCLK.
Connect DSP to DGND at power-up to transfer data on the falling edge of SCLK.
13
15
DVDD
Digital Supply
14
16
DGND
Digital Ground
15
17
UPIO1
User-Programmable Input/Output 1
16
18
UPIO2
User-Programmable Input/Output 2
18
19
OUTE
DACE Output
19
22
OUTF
DACF Output
20
23
OUTG
DACG Output
22
26
OUTH
DACH Output
23
27
PU
Power-Up State Select Input. Connect PU to DVDD to set OUTA–OUTH to full scale
upon power-up. Connect PU to DGND to set OUTA–OUTH to zero upon power-up.
Leave PU floating at power-up to set OUTA–OUTH to midscale.
24
28
REF
Reference Input
—
4
FBA
Feedback for DACA
—
5
FBB
Feedback for DACB
—
8
FBC
Feedback for DACC
—
9
FBD
Feedback for DACD
—
20
FBE
Feedback for DACE
—
21
FBF
Feedback for DACF
—
24
FBG
Feedback for DACG
—
25
FBH
Feedback for DACH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com