Electronic Components Datasheet Search
  English  ▼

X  

IPS6031 Datasheet(PDF) 7 Page - International Rectifier

Part # IPS6031
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6031 Datasheet(HTML) 7 Page - International Rectifier

Back Button IPS6031 Datasheet HTML 3Page - International Rectifier IPS6031 Datasheet HTML 4Page - International Rectifier IPS6031 Datasheet HTML 5Page - International Rectifier IPS6031 Datasheet HTML 6Page - International Rectifier IPS6031 Datasheet HTML 7Page - International Rectifier IPS6031 Datasheet HTML 8Page - International Rectifier IPS6031 Datasheet HTML 9Page - International Rectifier IPS6031 Datasheet HTML 10Page - International Rectifier IPS6031 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IPS6031(S)(R)PbF
www.irf.com
7
50%
100%
150%
-50
0
50
100
150
200%
Tj, junction temperature (°C)
Fig
C)
Fi
d
inductance (mH)
Load inductance (mH)
Vs Ambient temperature (°C)
ure 6 - Normalized Rds(on) (%) Vs Tj (°
gure 7 – Max. Output current (A) Vs Loa
Figure 8 – Max. ouput current (A)
0
5
10
15
-50
0
50
100
150
20
TO 220 5°C/W
D2Pak 40°C/W
DPak 50°C/W
Tamb, Ambient temperature (°C)
Fig
ut
current (A)
Iout, Output current (A)
ure 5 – Switching energy (µJ) Vs Outp
0
200
400
600
024
68
800
10
1
10
100
0.001
0.01
0.1
1
10
Eon
Eoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com