Electronic Components Datasheet Search
  English  ▼

X  

IPS7091 Datasheet(PDF) 4 Page - International Rectifier

Part # IPS7091
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7091 Datasheet(HTML) 4 Page - International Rectifier

  IPS7091 Datasheet HTML 1Page - International Rectifier IPS7091 Datasheet HTML 2Page - International Rectifier IPS7091 Datasheet HTML 3Page - International Rectifier IPS7091 Datasheet HTML 4Page - International Rectifier IPS7091 Datasheet HTML 5Page - International Rectifier IPS7091 Datasheet HTML 6Page - International Rectifier IPS7091 Datasheet HTML 7Page - International Rectifier IPS7091 Datasheet HTML 8Page - International Rectifier IPS7091 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IPS7091(G)(S)PbF
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
2
5
8
A
Vout=0V
Tsd+
Over temperature high threshold
150
(1)
165
⎯
Tsd-
Over temperature low threshold
⎯
158
⎯
°C
See Fig. 2
Vsc
Short-circuit detection voltage
(2)
2
3
4
Vopen load
Open load detection threshold
V
2
3
4
(1
d b
(2
to
T
Tabl
g C
OUT
DG pin
) Guarantee
y design
) Reference
Vcc
ruth
e
Operatin
onditions
IN
Normal
H
H
H
Normal
L
L
L
Open Load
H
H
H
Open Load
(3)
H
L
H
Short circuit to
imiting)
L
Gnd
H
L (l
Short circuit to
L
Gnd
L
L
Over-temperature
H
L (cycling)
L
Over-temperature
L
L
L
(3
ull-up
t and V
) With a p
resistor connected between the outpu
cc.
Lead Assignments
1 2 3 4
8
8 7 6 5
1 2 3 4 5
TO220
nd
cc
g
ut
1- G
2- In
3- V
4- D
5- O
3- Vcc
SO
1- Gnd
2- In
3- DG
4- Out
5-6-7-8 Vcc
1 2 3 4 5
D²Pak
3- Vcc
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com