Electronic Components Datasheet Search
  English  ▼

X  

STD8010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD8010
Description  Flexible MPEG audio/video codec with DVD and DVB receiver capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8010 Datasheet(HTML) 1 Page - STMicroelectronics

  STD8010 Datasheet HTML 1Page - STMicroelectronics STD8010 Datasheet HTML 2Page - STMicroelectronics STD8010 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
December 2005
STd8010
Flexible MPEG audio/video codec
with DVD and DVB receiver capability
Rev. 1
DESCRIPTION
STMicroelectronics has developed an audio/video
full-duplex Codec for low-cost combo devices.
The STd8010, equipped with open and scalable
architectures, brings audio/video encoding for
DVD or HDD recording, state-of-the art DVD
player and recorder features, STB, networking
and PVR.
TV watch and record, time shift, DV movie transfer
to disc, MPEG4 decoding and encoding, DVD
audio are many functions supported by this
device.
The STd8010 offers manufacturers of STB, DVD
recorder, PVR and convergence products a cost-
effective solution with an unrivalled set of features,
and flexibility.
Package (35x35 mm² PBGA)
Figure 1. STd8010 application diagram
xxxx


Similar Part No. - STD8010

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD800BLK VCC-STD800BLK Datasheet
67Kb / 1P
STD
logo
STMicroelectronics
STD80N10F7 STMICROELECTRONICS-STD80N10F7 Datasheet
1Mb / 25P
Ultra low on-resistance
07-Feb-2014
logo
Inchange Semiconductor ...
STD80N10F7 ISC-STD80N10F7 Datasheet
295Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STD80N10F7 VBSEMI-STD80N10F7 Datasheet
1,020Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STD80N240K6 STMICROELECTRONICS-STD80N240K6 Datasheet
355Kb / 16P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a DPAK package
29-Sep-2022
More results

Similar Description - STD8010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW2010 ETC-VW2010 Datasheet
358Kb / 2P
MPEG-1, -2, -4 Audio/Video CODEC Chip
logo
NXP Semiconductors
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Analog Devices
ADAV803 AD-ADAV803 Datasheet
906Kb / 56P
Audio Codec for Recordable DVD
7/04-Revision 0
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
List of Unclassifed Man...
CL8830 ETC1-CL8830 Datasheet
591Kb / 4P
MPEG-2 AUDIO/VIDEO PROCESSOR WITH REALSONIC AUDIO
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
MPEG AUDIO CODEC
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
MPEG AUDIO CODEC
logo
Analog Devices
ADAV802 AD-ADAV802_15 Datasheet
532Kb / 53P
Audio Codec For Recordable DVD
Rev. Pr G
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com