Electronic Components Datasheet Search
  English  ▼

X  

MAX9507 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9507
Description  1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9507 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9507 Datasheet HTML 2Page - Maxim Integrated Products MAX9507 Datasheet HTML 3Page - Maxim Integrated Products MAX9507 Datasheet HTML 4Page - Maxim Integrated Products MAX9507 Datasheet HTML 5Page - Maxim Integrated Products MAX9507 Datasheet HTML 6Page - Maxim Integrated Products MAX9507 Datasheet HTML 7Page - Maxim Integrated Products MAX9507 Datasheet HTML 8Page - Maxim Integrated Products MAX9507 Datasheet HTML 9Page - Maxim Integrated Products MAX9507 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
1.8V DirectDrive Video Filter Amplifier with
Load Detection and Dual SPST Analog Switches
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS (SDA,
LCF)
VDD > 2V
0.4
Output Low Voltage
VOL
IOL = 3mA
VDD < 2V
0.2 x
VDD
V
Output High Leakage Current
IOH
VOUT = VDD
1µA
SERIAL INTERFACE TIMING (Figure 3)
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD,STA
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU,STA
0.6
µs
Data Hold Time
tHD,DAT
0
900
ns
Data Setup Time
tSU,DAT
100
ns
Bus Capacitance
CB
400
pF
SDA and SCL Receiving Rise
Time
tR
(Note 7)
20 +
0.1CB
300
ns
SDA and SCL Receiving Fall
Time
tF
(Note 7)
20 +
0.1CB
300
ns
VDD = 1.7V
20 +
0.1CB
250
SDA Transmitting Fall Time
tF
(Note 7)
VDD = 2.625V
0
250
ns
Setup Time for STOP Condition
tSU,STO
0.6
µs
Pulse Width of Suppressed Spike
tSP
050
ns
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Voltage gain (AV) is a two-point measurement in which the output-voltage swing is divided by the input-voltage swing.
Note 3: Normal range: charge pump disabled. Extended range: charge pump enabled. In extended range mode, the switch input
can swing from -0.9V to VDD.
Note 4: Flatness is defined as the difference between the maximum and minimum values of on-resistance as measured at the speci-
fied voltages.
Note 5: Not production tested, guaranteed by design.
Note 6: tON and tOFF are measured from the end of the writing of register 0x00 until COM reaches 90% of the output voltage. See
Figure 1.
Note 7: CB is in picofarads.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.8V, GND = 0V, OUT has RL = 150Ω connected to GND, transparent sync-tip clamp enabled, C1 = C2 = 1µF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com