Electronic Components Datasheet Search
  English  ▼

X  

ATTM01 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # ATTM01
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button ATTM01 Datasheet HTML 6Page - Analog Microelectronics ATTM01 Datasheet HTML 7Page - Analog Microelectronics ATTM01 Datasheet HTML 8Page - Analog Microelectronics ATTM01 Datasheet HTML 9Page - Analog Microelectronics ATTM01 Datasheet HTML 10Page - Analog Microelectronics ATTM01 Datasheet HTML 11Page - Analog Microelectronics ATTM01 Datasheet HTML 12Page - Analog Microelectronics ATTM01 Datasheet HTML 13Page - Analog Microelectronics ATTM01 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AME, Inc.
10
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Type
Position
Bits
I
Function
RO
[7:0]
8
8’h50
Local diode alerting high limit register.
The default is set to 80 ℃. The LSB denotes 1 ℃.
LALERT_HIGH
Field
Type
Position
Bits
I
Function
NA
[7:5]
3
0
Reserved. Not implemented.
RO
[4:0]
5
0
ADC measure temperature value rate.
Field
Reserved
UPDATE_RATE
Type
Position
Bits
I
Function
RO
[7]
1
0
ALERT# mask. When set to “1” ALERT# interrupts
are masked.
RO
[6]
1
0
When set to “1” the ADC will be terminated.
NA
[5]
1
0
Reserved. Not implemented.
RO
[4]
1
0
OVER# mask. When set to “1” OVER# interrupts is
masked.
NA
[3:1]
3
0
Reserved. Not implemented.
RO
[0]
1
0
When set to “1” denotes three consecutive remote
temperature measurement outside the Alerting,
Critical limit.
Field
ALERT_MASK
STOP
Reserved
CRITI_MASK
Reserved
FAULT_QUEUE
9.4 ADC Configuration Register, Access Address:
“Command Index = 3h”
9.5 ADC Conversion Rate Register, Access Address:
“Command Index = 4h”
9.6 Local Diode Alerting High Limit Register, Access Address:
“Command Index = 5h”
Type
Position
Bits
I
Function
RO
[7:0]
8
0
Local diode alerting low limit register.
The default is set to 0 ℃. The LSB denotes 1 ℃.
Field
LALERT_LOW
9.7 Local Diode Alerting Low Limit Register, Access Address:
“Command Index = 6h”
Type
Position
Bits
I
Function
RO
[7:0]
8
8’h50
Remote diode alerting high limit register.
The default is set to 80℃. The LSB denotes 1 ℃
Field
RALERT_HIGH
9.8 Remote Diode Alerting High Limit Register, Access Address:
“Command Index = 7h”
Type
Position
Bits
I
Function
RO
[7:0]
0
Remote diode alerting low limit. The default value
is set to 0 ℃. The LSB represents 1 ℃.
Field
RLAERT_LOW
9.9 Remote Diode Alerting Low Limit Register, Access Address:
“Command Index = 8h”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com