Electronic Components Datasheet Search
  English  ▼

X  

ATTM01M Datasheet(PDF) 14 Page - Analog Microelectronics

Part # ATTM01M
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01M Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button ATTM01M Datasheet HTML 10Page - Analog Microelectronics ATTM01M Datasheet HTML 11Page - Analog Microelectronics ATTM01M Datasheet HTML 12Page - Analog Microelectronics ATTM01M Datasheet HTML 13Page - Analog Microelectronics ATTM01M Datasheet HTML 14Page - Analog Microelectronics ATTM01M Datasheet HTML 15Page - Analog Microelectronics ATTM01M Datasheet HTML 16Page - Analog Microelectronics ATTM01M Datasheet HTML 17Page - Analog Microelectronics ATTM01M Datasheet HTML 18Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AME, Inc.
14
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Type
Position
Bits
I
Function
RO
[7]
1
1
When the voltage drop to 2.62V then this signal
will be activated. Because when the voltage below
2.62V the ADC can not normal operation.
RO
[6]
1
0
The ADC analog circuit detects the DXP and DXN
pins are short together.
NA
[5:0]
6
0
Reserved. Not implemented.
Field
UVLO
DIODE_SHORT
Reserved
9.24 Thermal Sensor Status Register, Access Address:
“Command Index = 32h”
9.25 SMBus Control Register, Access Address:
“Command Index = 42h”
Type
Position
Bits
I
Function
WR
[7]
1
0
Select SMBus slave address. 0: slave address is
7’h48, 1: slave address is 7’h4A. The SMBus slave
address can determine from this register bit and
also can pull up or pull down the ALERT# pin.
When pull up ALERT# pin the slave address is
7’h48, otherwise it is 7’h4A.
NA
[6:4]
3
0
Reserved. Not implemented.
WR
[3]
1
0
Software reset the control logic.
NA
[2:1]
2
2’b10
Reserved. Not implemented. Bit [2] always one.
WR
[0]
1
0
ADC free run mode, i.e., the ADC operation does
not restrict by conversion rate.
Reserved
SOFT_RESET
Reserved
FREE_RUN_MODE
ADDR_SEL
Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com