Electronic Components Datasheet Search
  English  ▼

X  

AS1326 Datasheet(PDF) 10 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 10 Page - ams AG

Back Button AS1326 Datasheet HTML 6Page - ams AG AS1326 Datasheet HTML 7Page - ams AG AS1326 Datasheet HTML 8Page - ams AG AS1326 Datasheet HTML 9Page - ams AG AS1326 Datasheet HTML 10Page - ams AG AS1326 Datasheet HTML 11Page - ams AG AS1326 Datasheet HTML 12Page - ams AG AS1326 Datasheet HTML 13Page - ams AG AS1326 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 18
AS1326
Data Sheet - D e t a i l e d D e s c r i p t i o n
Synchronized-PWM Operation
In PWM mode the AS1326A/AS1326B can be synchronized with an external clock (500kHz to 1.2MHz) by applying an
external clock signal to pin CLK/SEL. This synchronization will minimize interference in wireless applications since the
operating frequency can be set to a preferred value. The synchronous rectifier is active during synchronized-PWM
operation.
Synchronous Rectifier
The AS1326A/AS1326B feature an integrated, P-channel synchronous rectifier for enhanced efficiency operation. Syn-
chronous rectification provides 5% improved efficiency over similar non-synchronous boost regulators.
In PWM mode, the synchronous rectifier is turned on during the second half of each switching cycle. In low-power
mode, an internal comparator turns on the synchronous rectifier when the voltage at LX exceeds the boost regulator
output.
Note: While operating with output voltages greater than 4V, an external 0.5A Schottky diode must be connected in
parallel with the P-channel synchronous rectifier.
Low-Voltage Startup Oscillator
The AS1326A/AS1326B contain a CMOS, low-voltage startup oscillator for a 1.1V guaranteed minimum startup input
voltage. At startup, the low-voltage oscillator switches on the N-channel MOSFET until the output voltage reaches
2.15V. With output voltages > 2.15V, the boost-converter feedback and control circuitry are acitvated.
When the AS1326A/AS1326B is in regulation, it can operate down to 0.7V input since internal power for the device is
bootstrapped from the output through pin OUT.
Caution: Do not apply full load until the output > 2.3V.
Shutdown
The AS1326A/AS1326B feature an integrated shutdown mode that reduces quiescent current to 0.1µA. During shut-
down mode (ONN = 1 on AS1326A, ON = 0 on AS1326B), the internal reference and feedback/control circuitry are dis-
abled.
Note: During shutdown, the output voltage is one diode drop below the input voltage.
Reference
The AS1326A/AS1326B contain an internal reference (1.250V ±1%). A 10nF ceramic bypass capacitor must be con-
nected between pins REF and GND. REF can source up to 50µA of external load current.
Note: The bypass capacitor must be placed within 5mm (0.2”) of pin REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com