Electronic Components Datasheet Search
  English  ▼

X  

1404529 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404529
Description  QPD PSK 5X2,5 - Protective
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404529 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404529 Datasheet HTML 1Page - PHOENIX CONTACT 1404529 Datasheet HTML 2Page - PHOENIX CONTACT 1404529 Datasheet HTML 3Page - PHOENIX CONTACT 1404529 Datasheet HTML 4Page - PHOENIX CONTACT 1404529 Datasheet HTML 5Page - PHOENIX CONTACT 1404529 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Protective cap, transparent plastic, for 5 x 2.5 mm2 QPD connector, IP50.
Commercial data
Item number
1404529
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BF50
Product key
AF6ZWX
Catalog page
Page 488 (C-2-2019)
GTIN
4046356698719
Weight per piece (including packing)
3.73 g
Weight per piece (excluding packing)
3.73 g
Customs tariff number
39269097
Country of origin
DE
QPD PSK 5X2,5 - Protective cap
1404529
https://www.phoenixcontact.com/us/products/1404529
Mar 14, 2025, 2:14 AM
Page 1 (6)


Similar Part No. - 1404529

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404525 PHOENIX-1404525 Datasheet
254Kb / 6P
QPD QSK BK 5X2,5 FS - Protective cap
1404528 PHOENIX-1404528 Datasheet
67Kb / 3P
Protective cap - QPD QSK 5X2,5
09/11/2020
More results

Similar Description - 1404529

ManufacturerPart #DatasheetDescription
logo
Epson Company
STC9492C EPSON-STC9492C Datasheet
615Kb / 12P
CMOS 1,200 bps PSK SINGLE CHIP MODEM
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
Protective Covers
logo
PHOENIX CONTACT
1414722 PHOENIX-1414722 Datasheet
148Kb / 3P
Protective cap - QPD QSK BK 3/4X1,5 FS
1414728 PHOENIX-1414728 Datasheet
148Kb / 3P
Protective cap - QPD QSK BK 5X1,5 FS
1582151 PHOENIX-1582151 Datasheet
45Kb / 2P
Protective cap - QPD PSK 2,5
1404528 PHOENIX-1404528 Datasheet
67Kb / 3P
Protective cap - QPD QSK 5X2,5
09/11/2020
2701371 PHOENIX-2701371 Datasheet
51Kb / 2P
Protective foil - 5,7" DISPLAY PROTECTIVE FOIL
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com