Electronic Components Datasheet Search
  English  ▼

X  

ATTM02G Datasheet(PDF) 17 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 17 Page - Analog Microelectronics

Back Button ATTM02G Datasheet HTML 10Page - Analog Microelectronics ATTM02G Datasheet HTML 11Page - Analog Microelectronics ATTM02G Datasheet HTML 12Page - Analog Microelectronics ATTM02G Datasheet HTML 13Page - Analog Microelectronics ATTM02G Datasheet HTML 14Page - Analog Microelectronics ATTM02G Datasheet HTML 15Page - Analog Microelectronics ATTM02G Datasheet HTML 16Page - Analog Microelectronics ATTM02G Datasheet HTML 17Page - Analog Microelectronics ATTM02G Datasheet HTML 18Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AME, Inc.
17
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
11. Package Dimension
MSOP-8
MIN
MAX
MIN
MAX
A
-
1.07
-
0.04197
A1
0.05
0.20
0.002
0.008
A2
0.81
0.92
0.032
0.036
b
0.28
0.38
0.011
0.015
b1
0.28
0.33
0.011
0.013
c
0.13
0.23
0.005
0.009
c1
0.13
0.17
0.005
0.006
D
2.90
3.10
0.114
0.122
E
4.77
4.98
0.188
0.196
E1
2.90
3.10
0.114
0.122
e
e1
L
0.406
0.686
0.01598 0.02701
L1
L2
θ
0
o
8
o
0
o
8
o
SYMBOLS
MILLIMETERS
INCHES
0.65 TYP
0.0255 TYP
1.95 TYP
0.0767 TYP
0.94 REF
0.037 REF
0.010 TYP
0.254 TYP
WITH PLATING
BASE METAL
e
R0.127(0.005) TYP
ALL CORNER
& EDGES
TOP PKG.
Top View
Front View
End View
E
E1
PIN 1 I.D
(SHINNY SURFACE)
D
e1
BTM PKG.
L
L1
L2
DETAIL A
b
A1
A2
A
b
b1
c1
c
B
SECTION B-B
E1
B
See Detail A
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com