Electronic Components Datasheet Search
  English  ▼

X  

CF5017ALD Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5017ALD
Description  3rd Overtone Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5017ALD Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5017ALD Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CF5017 series
SEIKO NPC CORPORATION —6
Switching Characteristics
3V operation (CF5017ALA, ALB, ALC, ALD)
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
5V operation (CF5017ALA, ALB, ALC)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , CL = 30pF
–
2.5
5
ns
Output fall time
tf
Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , CL = 30pF
–
2.5
5
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 1, VDD = 3.0V, Ta = 25°C,
f = 80MHz, CL = 30pF
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time2
tPZL
–
–
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , CL = 30pF
–
2
4
ns
Output fall time
tf
Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , CL = 30pF
–
2
4
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 1, VDD = 5.0V, Ta = 25°C,
f = 80MHz, CL = 30pF
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time2
tPZL
–
–
100
ns
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
18.62
16.24
1.733
5.337
40
20.53
11.34
1.396
3.989
50
22.17
7.40
1.370
4.105
60
15.37
3.83
1.836
5.191
70
25.42
4.18
1.254
5.170
85
20.58
5.22
0.671
4.965
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com