Electronic Components Datasheet Search
  English  ▼

X  

CF5761NB Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5761NB
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761NB Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5761NB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5761NB Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —6
FUNCTIONAL DESCRIPTION
Motor Output
The CF5761 series comprise devices with different step movement and sweep movement cycles and pulse-
widths.
Step movement
Sweep movement
Parameter
CF5761CA
CF5761EA
CF5761HA
CF5761LB
CF5761MB
CF5761NB
Active level
–
LOW
LOW
LOW
–
LOW
Movement cycle tCY [s]
0.0625
1
10
1
0.0625
1
Pulsewidth tPW [ms]
62.5
23.4
13.7
31.3
62.5
23.4
Movement
Sweep
Step
Step
Step
Sweep
Step
O1
VSS
O2
tPW
VDD
VSS
VDD
tCY
tCY
tPW
O1
tCY
O2
tCY
tPW
VSS
VDD
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com